Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7312-BLK Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7312-BLK
Description  excellent linearity
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7312-BLK Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7312-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPM-7312-BLK Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Reel Drawing
NOT��S:
1. �ee� ��h���� be ���be�e�� w��h �he �����w����
�������������� ����� �� ����������.
��. �������������e��� �����e �� �����b��
b. Av���� Te�h�������e�� ����� ����be�
�. ����h����e ����e� ����be�
��. �����e ����e
e. ����������� �� �������
2. A �e��� ����e �� �����������e �� �� ��� ��h����
be ������e�� ������ ������������� e���h ��h���e���
�� ��������.
3. �ee� ����� ���� be �����e w��h �� ����������
�z���e ��e��e����� ����e�������.
4. A�� ����e���������� ��� ������e�e��� �����
50 min.
12.4 +2.0
-0.0
18.4 max.
25
min wide (ref)
Slot for carrier tape
insertion for attachment
to reel hub (2 places 180° apart)
BACK VIEW
FRONT VIEW
178
Shading indicates
thru slots
+0.4
-0.2
21.0 ± 0.8
13.0 ± 0.2
1.5 min.
P�������� �ee� �������� ����� ����e���������� ���e ��� ������e�e�����


Similar Part No. - ACPM-7312-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7312-BLK BOARDCOM-ACPM-7312-BLK Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
More results

Similar Description - ACPM-7312-BLK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY5603WE6327 INFINEON-BBY5603WE6327 Datasheet
855Kb / 7P
   Excellent linearity
2011-06-15
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201 AVAGO-ACPM-5201 Datasheet
329Kb / 13P
   Excellent Linearity
logo
PREMIER DEVICES, INC.
OS8740230W PDI-OS8740230W Datasheet
161Kb / 5P
   Excellent linearity
logo
MAKO SEMICONDUCTOR CO.,...
M28S MAKOSEMI-M28S Datasheet
273Kb / 2P
   Excellent HFE Linearity.
logo
Shenzhen Luguang Electr...
LGA1266 LUGUANG-LGA1266 Datasheet
220Kb / 2P
   Excellent hFE Linearity
logo
MAKO SEMICONDUCTOR CO.,...
KTA1505 MAKOSEMI-KTA1505 Datasheet
83Kb / 2P
   Excellent hFE linearity
logo
TriQuint Semiconductor
TQM776011 TRIQUINT-TQM776011_15 Datasheet
204Kb / 1P
   Excellent Linearity in all modes
TQM716015 TRIQUINT-TQM716015_15 Datasheet
206Kb / 1P
   Excellent Linearity in all modes
logo
M.S. Kennedy Corporatio...
MSK115 MSK-MSK115_15 Datasheet
378Kb / 7P
   Excellent Linearity - Class A/B Output
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
   High current gain, Excellent hFE Linearity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com