Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR08C330DAGAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # CBR08C330DAGAC
Description  HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 - 500 VDC, 1 MHz - 50 GHz (RF & Microwave)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR08C330DAGAC Datasheet(HTML) 2 Page - Kemet Corporation

  CBR08C330DAGAC Datasheet HTML 1Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 2Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 3Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 4Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 5Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 6Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 7Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 8Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1030_C0G_CBR • 8/1/2016
2
Surface Mount Multilayer Ceramic Capacitors (SMD MLCCs) for High Power Applications
HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 – 500 VDC, 1 MHz – 50 GHz (RF & Microwave)
Benefits cont'd
• Available capacitance tolerances of ±0.05 pF, ±0.1 pF,
±0.25 pF, ±0.5 pF, ±1%, ±2%, and ±5%
• No piezoelectric noise
• No capacitance change with respect to applied rated DC
voltage
• Negligible capacitance change with respect to temperature
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing for
excellent solderability
Applications
Typicalapplicationsincludecriticaltiming,tuning,bypass,coupling,feedback,filtering,impedancematchingandDC
blocking.
Field applications include wireless and cellular base stations, wireless LAN, subscriber-based wireless services, wireless
broadcastequipment,satellitecommunications,RFpoweramplifier(PA)modules,filters,voltage-controlledoscillators
(VCOs), PAs, matching networks, RF modules, satellite communications and medical electronics.
Qualification
RFandmicrowaveproductsaresubjecttointernalqualification.Detailsregardingtestmethodsandconditionsare
referenced in Table 4, Performance & Reliability.
Environmental Compliance
Pb-free and RoHS compliant.


Similar Part No. - CBR08C330DAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR08C339B1GAC KEMET-CBR08C339B1GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.3 pF, /-0.1 pF, 100 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
CBR08C339BAGAC KEMET-CBR08C339BAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.3 pF, /-0.1 pF, 250 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
More results

Similar Description - CBR08C330DAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C330F5GACAUTO KEMET-CBR04C330F5GACAUTO Datasheet
999Kb / 15P
   HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
CBR02C330F9GAC KEMET-CBR02C330F9GAC_17 Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 33 pF, 1%, 6.3 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C220F9GAC KEMET-CBR02C220F9GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 6.3 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR08C109ACGAC KEMET-CBR08C109ACGAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1 pF, /-0.05 pF, 500 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
CBR06C100F5GAC KEMET-CBR06C100F5GAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 10 pF, 1%, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
CBR06C470J5GAC KEMET-CBR06C470J5GAC Datasheet
55Kb / 1P
   CBR-SMD RF C0G, Ceramic, 47 pF, 5%, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
CBR04C160F5GAC KEMET-CBR04C160F5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 16 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C200F5GAC KEMET-CBR04C200F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 20 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C220F5GAC KEMET-CBR04C220F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C509C5GAC KEMET-CBR06C509C5GAC Datasheet
55Kb / 1P
   CBR-SMD RF C0G, Ceramic, 5 pF, /-0.25 pF, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com