Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HG0113 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # HG0113
Description  Shipped in packet-tape reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

HG0113 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  HG0113 Datasheet HTML 1Page - Asahi Kasei Microsystems HG0113 Datasheet HTML 2Page - Asahi Kasei Microsystems HG0113 Datasheet HTML 3Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs Hall Element
●Absolute Maximum Ratings
●Electrical Characteristics(Ta=25℃)
Notes : 1. VH = VHM – Vos(Vu) (VHM:meter indication)
2.
VH =
X
X 100
3.
Rin =
X
X 100
4.
=
X 100
Rin (T1)
1
(T2 – T1)
VH (T2) – VH (T1)
(T2 – T1)
Rin (T2) – Rin (T1)
VH (T1)
1
K
[K (B1) + K (B2)]
/ 2
K (B1) – K (B2)
I
C • B
VH
T1 = 25˚C, T2 = 125˚C
K =
B1 = 0.5T, B2 = 0.1T
HG-0113
Item
Limit
Unit
Symbol
V
C
P
D
Topr.
Tstg.
V
mW
Max. Input Voltage
Operating Temp. Range
Max.Input Power
Storage Temp. Range
Item
Conditions
Min.
Unit
Symbol
B=50mT, Vc=6V
B=0mT,
Ⅰc=0.1mA
B=0mT,
Ⅰc=0.1mA
B=0mT, Vc=6V
B=50mT,
Ⅰc=1mA
Ta=25
∼125℃
B=0mT,
Ⅰc=0.1mA
Ta=25
∼125℃
B=0.1/0.5T,
Ⅰc=1mA
78
1,000
1,800
1,250
2,500
8
102
1,500
3,000
8
0.06
0.3
2
mV
Ω
Ω
mV
%/
%/
%
VH
Rin
Rout
Vos(Vu)
αVH
αRin
ΔK
Typ.
Max.
Output Hall Voltage
Input Resistance
Output Resistance
Offset Voltage
Temp. Coefficient of VH
Temp. Coefficient of Rin
Linearity
Shipped in packet-tape reel(5,000pcs per reel)
Notice : It is requested to read and accept "IMPORTANT NOTICE"
written on the back of the front cover of this catalogue.
12
150
40
125
40
150
●Characteristic Curves
Ambient Temperature(˚C):
Ta [℃]
140
80
100
120
60
40
20
0
0
40
80
120
160
200
●Dimensional Drawing(Unit : mm)
●Land pattern (for reference only)(Unit : mm)
 Allowable Package Power Dissipation
0.3
0.5
+0
−0.1
Sensor
Center
Sensor
Center
N
CL
CL
3
2
5
1
4
0.15
0.8±0.1
φ0.2
Pinning
1(±)
2(±)
Input
Output
3( )
4( )
0.30
0.55
0.30
Pin 5 is short to pin 3 inside the package.
44


Similar Part No. - HG0113

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
HG0114 AKM-HG0114 Datasheet
136Kb / 3P
   Shipped in packet-tape reel
HG0115 AKM-HG0115 Datasheet
135Kb / 3P
   Shipped in packet-tape reel(
More results

Similar Description - HG0113

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
HQ8220 AKM-HQ8220 Datasheet
926Kb / 3P
   Shipped in packet-tape reel
HG0114 AKM-HG0114 Datasheet
136Kb / 3P
   Shipped in packet-tape reel
HW102A AKM-HW102A Datasheet
579Kb / 3P
   Shipped in packet-tape reel
HG106A AKM-HG106A Datasheet
918Kb / 3P
   Shipped in packet-tape reel
HG0115 AKM-HG0115 Datasheet
135Kb / 3P
   Shipped in packet-tape reel(
HW-102A AKM-HW-102A Datasheet
916Kb / 3P
   Shipped in packet-tape reel(6,000pcs/Reel)
EM-1661 AKM-EM-1661 Datasheet
137Kb / 3P
   Shipped in packet-tape reel(5000pcs/Reel)
EM-0771 AKM-EM-0771 Datasheet
1Mb / 3P
   Shipped in packet-tape reel(5000pcs/Reel)
EM-0781 AKM-EM-0781 Datasheet
118Kb / 3P
   Shipped in packet-tape reel(5000pcs/Reel)
EM-0791 AKM-EM-0791 Datasheet
121Kb / 3P
   Shipped in packet-tape reel(5000pcs/Reel)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com