Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG1083.253NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PG1083.253NL
Description  Round wire Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG1083.253NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PG1083.253NL Datasheet HTML 1Page - Pulse A Technitrol Company PG1083.253NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P716.A (3/13)
2
pulseelectronics.com
SMT Power Inductors
Round wire Coils– PG1083NL series
For More Information
682NL @ 100C
682NL @ 25C
472NL @ 100C
472NL @ 25C
332NL @ 100C
222NL @ 100C
332NL @ 25C
222NL @ 25C
152NL @ 100C
102N L@ 25C
152NL @ 25C
102NL @ 100C
503NL @ 100C
103N L@ 25C
103NL @ 100C
153NL @ 25C
153NL @ 100C
253NL @ 25C
253NL @ 100C
323NL @ 25C
323NL @ 100C
503NL @ 25C
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F No. 198, Zhongyuan Road
Zhongli City
Taoyuan County (32068)
Taiwan
Tel: 886 3 4356768
Fax: 886 3 4356823
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.


Similar Part No. - PG1083.253NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG1083.253NL PULSE-PG1083.253NL Datasheet
856Kb / 2P
   Inductance Range
PG1083.253NL PULSE-PG1083.253NL Datasheet
455Kb / 2P
   SMT Power Inductors
More results

Similar Description - PG1083.253NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0926.461NL PULSE-PG0926.461NL Datasheet
464Kb / 3P
   Round Wire Coils
PG1096.152NL PULSE-PG1096.152NL Datasheet
411Kb / 3P
   Round wire Coils
PG0936.471NL PULSE-PG0936.471NL Datasheet
305Kb / 2P
   Round wire Coils
logo
Ohmite Mfg. Co.
PFE OHMITE-PFE Datasheet
337Kb / 2P
   Edgewound and Round Wire
logo
Adam Technologies, Inc.
LHN-05-TS-RP-X02 ADAM-TECH-LHN-05-TS-RP-X02 Datasheet
69Kb / 1P
   WIRE TO BOARD STRAIGHT ROUND PINS
LHN-03-TS-RP-X02 ADAM-TECH-LHN-03-TS-RP-X02 Datasheet
69Kb / 1P
   WIRE TO BOARD STRAIGHT ROUND PINS
logo
3M Electronics
3647B 3M-3647B Datasheet
45Kb / 2P
   Round, Shielded/Jacketed, Discrete Wire Cable
logo
Adam Technologies, Inc.
LHN-07-TS-RP-X03 ADAM-TECH-LHN-07-TS-RP-X03 Datasheet
70Kb / 1P
   WIRE TO BOARD STRAIGHT ROUND PINS
LHN-08-TS-RP-X02 ADAM-TECH-LHN-08-TS-RP-X02 Datasheet
70Kb / 1P
   WIRE TO BOARD STRAIGHT ROUND PINS
LHN-XX-TS-RP ADAM-TECH-LHN-XX-TS-RP Datasheet
70Kb / 1P
   WIRE TO BOARD STRAIGHT ROUND PINS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com