Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0553.334NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PF0553.334NL
Description  Shielded Drum Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0553.334NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PF0553.334NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0553.334NL Datasheet HTML 2Page - Pulse A Technitrol Company PF0553.334NL Datasheet HTML 3Page - Pulse A Technitrol Company PF0553.334NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
41
SPM2007 (4/08)
SMT POWER INDUCTORS
Shielded Drum Core
PF0552NL and PF0553NL Series
Inductance *
Inductance
Saturation 6
Heating 7
Core Loss 8
Part 2,3
@ 0ADC
@ Irated
Irated 5
DCR
Current ISAT
Current IDC
Factor
Connection **
Number
(µH ±20%)
(µH TYP)
(A)
(m
Ω MAX)
-30% (A)
+40°C(A)
(K2)
Mode
PF0553.471NL
0.43
0.43
17
1.6
56
17
53
Parallel
PF0553.102NL
0.86
0.86
15
2.4
40
15
76
Parallel
PF0553.152NL
1.4
1.4
13
2.9
31
13
97
Parallel
PF0553.471NL
1.7
1.7
9.0
6.4
28
9.0
110
Series
PF0553.222NL
2.0
2.0
13
3.7
25
13
110
Parallel
PF0553.332NL
2.8
2.8
10
5.4
21
10
130
Parallel
PF0553.102NL
3.4
3.4
7.7
9.4
20
7.7
150
Series
PF0553.472NL
4.8
4.7
8.1
9.2
16
8.1
180
Parallel
PF0553.152NL
5.4
5.4
6.7
12
16
6.7
190
Series
PF0553.682NL
7.4
6.8
7.2
12
13
7.2
220
Parallel
PF0553.222NL
8.1
8.1
6.2
15
13
6.2
230
Series
PF0553.822NL
8.9
8.2
6.2
15
12
6.2
240
Parallel
PF0553.103NL
10.5
10
6.0
17
11
6.0
260
Parallel
PF0553.332NL
11.3
11.3
5.2
22
11
5.2
270
Series
PF0553.153NL
14
15
5.0
24
9.6
5.0
300
Parallel
PF0553.472NL
19
19
4.1
37
8.2
4.1
350
Series
PF0553.223NL
23
22
3.9
39
7.6
3.9
390
Parallel
PF0553.682NL
30
27
3.6
46
6.6
3.6
440
Series
PF0553.333NL
34
33
3.2
59
6.2
3.2
470
Parallel
PF0553.822NL
35
33
3.1
62
6.1
3.1
470
Series
PF0553.103NL
42
40
3.0
67
5.6
3.0
520
Series
PF0553.473NL
47
47
2.9
72
5.3
2.9
550
Parallel
PF0553.153NL
56
56
2.5
96
4.8
2.5
600
Series
PF0553.683NL
66
66
2.4
110
4.4
2.4
650
Parallel
PF0553.823NL
80
80
2.0
140
4.1
2.0
720
Parallel
PF0553.223NL
92
88
2.0
160
3.8
2.0
770
Series
PF0553.104NL
100
100
1.9
160
3.6
1.9
810
Parallel
PF0553.333NL
135
130
1.6
240
3.1
1.6
930
Series
PF0553.154NL
150
150
1.6
250
3.0
1.6
1000
Parallel
PF0553.473NL
190
190
1.5
290
2.6
1.5
1100
Series
PF0553.224NL
220
220
1.3
380
2.4
1.3
1200
Parallel
PF0553.683NL
270
270
1.2
420
2.2
1.2
1300
Series
PF0553.823NL
320
320
1.0
570
2.0
1.0
1400
Series
PF0553.334NL
330
330
1.0
570
2.0
1.0
1500
Parallel
PF0553.104NL
400
400
0.97
650
1.8
0.97
1600
Series
PF0553.474NL
470
470
0.83
860
1.7
0.83
1700
Parallel
PF0553.154NL
600
600
0.78
990
1.5
0.78
2000
Series
PF0553.684NL
680
680
0.75
1100
1.4
0.75
2100
Parallel
PF0553.824NL
830
820
0.64
1400
1.3
0.64
2300
Parallel
PF0553.224NL
890
880
0.63
1500
1.2
0.63
2400
Series
PF0553.105NL
1000
1000
0.61
1600
1.1
0.61
2500
Parallel
PF0553.334NL
1300
1300
0.51
2300
1.0
0.51
2900
Series
PF0553.474NL
1900
1900
0.42
3400
0.84
0.42
3500
Series
PF0553.684NL
2700
2700
0.38
4300
0.69
0.38
4200
Series
PF0553.824NL
3300
3300
0.32
5800
0.63
0.32
4600
Series
PF0553.105NL
4000
4000
0.31
6500
0.57
0.31
5100
Series
NOTES FROM TABLE: (See page 43)
*Open circuit inductance test parameters: Inductance values up to 100µH: 100kHz - 0.10Vac with 0Adc bias;
Inductance values higher than 100µH: 20kHz - 0.10Vac with 0Adc bias.
** Parallel connection mode (1,2 - 3,4); Serial connection mode (1-4) with (2-3) short circuited.
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6


Similar Part No. - PF0553.334NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0553.334NL PULSE-PF0553.334NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
More results

Similar Description - PF0553.334NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com