Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SISA34DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SISA34DN
Description  N-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISA34DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SISA34DN Datasheet HTML 1Page - Vishay Siliconix SISA34DN Datasheet HTML 2Page - Vishay Siliconix SISA34DN Datasheet HTML 3Page - Vishay Siliconix SISA34DN Datasheet HTML 4Page - Vishay Siliconix SISA34DN Datasheet HTML 5Page - Vishay Siliconix SISA34DN Datasheet HTML 6Page - Vishay Siliconix SISA34DN Datasheet HTML 7Page - Vishay Siliconix SISA34DN Datasheet HTML 8Page - Vishay Siliconix SISA34DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiSA34DN
www.vishay.com
Vishay Siliconix
S14-1338-Rev. A, 30-Jun-14
1
Document Number: 64899
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET
Ordering Information:
SiSA34DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
FEATURES
• TrenchFET® Gen IV power MOSFET
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• DC/DC power supplies
• High current power rails in computing
• Telecom POL and bricks
• Battery protection
Notes
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Maximum under steady state conditions is 81 °C/W.
f. Based on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω) (MAX.)
ID (A) f
Qg (TYP.)
30
0.0067 at VGS = 10 V
40
8 nC
0.0098 at VGS = 4.5 V
34.3
PowerPAK® 1212-8 Single
Top View
1
3.3
mm
3.3
mm
Bottom View
1
S
1
S
2
S
3
S
4
G
D
8
D
7
D
6
D
5
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+20, -16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
40
A
TC = 70 °C
33.2
TA = 25 °C
16.2 a, b
TA = 70 °C
15.8 a, b
Pulsed Drain Current (t = 100 μs)
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
18.9
TA = 25 °C
2.9 a, b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5mJ
Maximum Power Dissipation
TC = 25 °C
PD
20.8
W
TC = 70 °C
13.3
TA = 25 °C
3.2 a, b
TA = 70 °C
3 a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
Soldering Recommendations (Peak Temperature) c, d
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient a, e
t
≤ 10 s
RthJA
31
39
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
4.8
6


Similar Part No. - SISA34DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISA34DN VISHAY-SISA34DN_V01 Datasheet
622Kb / 13P
   N-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SISA34DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com