Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG0077.142NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0077.142NL
Description  PG0077.401NL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0077.142NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0077.142NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0077.142NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAPE & REEL LAYOUT
.453
11,50
.945
24,00
.945 ± .012
24,00 ± 0,30
.598
15,20
.520
13,20
Z
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
62
SPM2007 (11/07)
SMT POWER INDUCTORS
Flat Coils - PG0077NL and PG0084NL Series
.441
11,20
.165
4,20
.091
2,30
X
.512
13,00MAX
PG0077.XXX
PG0084.XXX
Date Code
Country of Origin
Y
SUGGESTED PAD LAYOUT
.612 ± .005
15,55 ± 0,12
.205 ± .005
5,20 ± 0,12
.197 ± .005
5,00 ± 0,12
2x
Mechanical
Schematic
Part 8,9
Inductance
2
Irated 3
DCR (m
Ω)
Inductance
Saturation
4
Heating
5
Core Loss
6
Number
@Irated
(A)
@0A DC
Current
Current I DC
Factor
(
μH TYP)
TYP
MAX
(
μH ±20%)
Isat (A)
( A)
K1
K2
PG0077.401NL
0.34
45
0.75
0.80
0.45
48
45
1.68E-9
33.5
PG0077.801NL
0.68
35
1.20
1.30
0.80
38
35
1.68E-9
42.5
PG0077.142NL
1.16
27
2.00
2.10
1.40
28
27
1.68E-9
57.8
PG0077.202NL
1.66
23
2.80
2.90
2.00
24
23
1.68E-9
67.6
PG0077.282NL
2.32
19
4.10
4.20
2.80
20
19
1.68E-9
80.1
PG0084.351NL
0.28
40
1.30
1.80
0.35
40
61
1.27E-9
28.7
PG0084.651NL
0.52
32
2.30
2.80
0.65
32
45
1.27E-9
38.1
PG0084.112NL
0.88
24
3.60
4.20
1.10
24
34
1.27E-9
50.1
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +95°C 1
PG0077.401
.571/14,50
. 256/6,50
.276/7,00
PG0077.801
.571/14,50
. 256/6,50
.276/7,00
PG0077.142
.551/14,00
. 256/6,50
.276/7,00
PG0077.202
.551/14,00
. 256/6,50
.276/7,00
PG0077.282
.551/14,00
. 256/6,50
.276/7,00
PG0084.351
.551/14,00
. 173/4,40
.173/4,40
PG0084.651
.551/14,00
. 173/4,40
.173/4,40
PG0084.112
.543/13,80
. 173/4,40
.173/4,40
Part Number
Max. Length
Max. Height
Max. Height
“X” (in./mm)
“Y” (in./mm)
“Z” (in./mm)
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Height: 6.5mm Max (PG0077) and 4.40mm Max (PG0084)
Footprint: 14.5mm x 13.0mm Max
Current Rating: up to 45A
Inductance Range: 0.38µH to 2.65µH
1
2
PG0077
PG0084
Weight .................5.5 grams......3.5 grams
Tape & Reel............300/reel ........400/reel


Similar Part No. - PG0077.142NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0077.142NL PULSE-PG0077.142NL Datasheet
488Kb / 3P
   SMT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com