Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIRA24DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIRA24DP
Description  N-Channel 25 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRA24DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIRA24DP Datasheet HTML 1Page - Vishay Siliconix SIRA24DP Datasheet HTML 2Page - Vishay Siliconix SIRA24DP Datasheet HTML 3Page - Vishay Siliconix SIRA24DP Datasheet HTML 4Page - Vishay Siliconix SIRA24DP Datasheet HTML 5Page - Vishay Siliconix SIRA24DP Datasheet HTML 6Page - Vishay Siliconix SIRA24DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SiRA24DP
www.vishay.com
Vishay Siliconix
S16-2084-Rev. A, 10-Oct-16
2
Document Number: 75453
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
25
-
-
V
VDS temperature coefficient
V
DS/TJ
ID = 10 mA
-
21
-
mV/°C
VGS(th) temperature coefficient
V
GS(th)/TJ
ID = 250 μA
-
-4.8
-
Gate-source threshold voltage
VGS(th)
VDS = VGS , ID = 250 μA
1
-
2.1
V
Gate-source leakage
IGSS
VDS = 0 V, VGS = +20 / -16 V
-
-
100
nA
Zero gate voltage drain current
IDSS
VDS = 25 V, VGS = 0 V
-
-
1
μA
VDS = 25 V, VGS = 0 V, TJ = 70 °C
-
-
15
On-state drain current a
ID(on)
VDS  10 V, VGS = 10 V
40
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = 10 V, ID = 15 A
-
0.00115
0.00140
VGS = 4.5 V, ID = 10 A
-
0.00195
0.00240
Forward transconductance a
gfs
VDS = 15 V, ID = 15 A
-
75
-
S
Dynamic b
Input capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
-
2650
-
pF
Output capacitance
Coss
-
1015
-
Reverse transfer capacitance
Crss
-
197
-
Total gate charge
Qg
VDS = 10 V, VGS = 10 V, ID = 15 A
-
36.5
55
nC
VDS = 10 V, VGS = 4.5 V, ID = 15 A
-
17.2
26
Gate-source charge
Qgs
-7.4
-
Gate-drain charge
Qgd
-3.3
-
Gate resistance
Rg
f = 1 MHz
0.2
0.75
1.35
Turn-on delay time
td(on)
VDD = 10 V, RL = 1 , ID  15 A,
VGEN = 10 V, Rg = 1 
-12
24
ns
Rise time
tr
-23
46
Turn-off delay time
td(off)
-18
36
Fall time
tf
-10
20
Turn-on delay time
td(on)
VDD = 10 V, RL = 1 , ID  15 A,
VGEN = 4.5 V, Rg = 1 
-18
36
Rise time
tr
-42
84
Turn-off delay time
td(off)
-17
34
Fall time
tf
-17
34
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
TC = 25 °C
-
-
56.8
A
Pulse diode forward current
ISM
-
-
150
Body diode voltage
VSD
IS = 5 A, VGS = 0 V
-
0.73
1.1
V
Body diode reverse recovery time
trr
IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C
-32
64
ns
Body diode reverse recovery charge
Qrr
-20
40
nC
Reverse recovery fall time
ta
-17
-
ns
Reverse recovery rise time
tb
-15
-


Similar Part No. - SIRA24DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRA24DP VISHAY-SIRA24DP Datasheet
258Kb / 9P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SIRA24DP-T1-GE3 VISHAY-SIRA24DP-T1-GE3 Datasheet
258Kb / 9P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SIRA24DP VISHAY-SIRA24DP_V01 Datasheet
258Kb / 9P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIRA24DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com