Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD6039T4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD6039T4G
Description  Darlington Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD6039T4G Datasheet(HTML) 4 Page - ON Semiconductor

  MJD6039T4G Datasheet HTML 1Page - ON Semiconductor MJD6039T4G Datasheet HTML 2Page - ON Semiconductor MJD6039T4G Datasheet HTML 3Page - ON Semiconductor MJD6039T4G Datasheet HTML 4Page - ON Semiconductor MJD6039T4G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJD6039, NJVMJD6039T4G
http://onsemi.com
4
IC, COLLECTOR CURRENT (AMP)
Figure 7. DC Current Gain
Figure 8. Collector Saturation Region
Figure 9. “On” Voltages
0.04
300
0.06
0.2
2 k
800
4 k
3 k
0.1
0.6
25
C
-55
C
1 k
0.4
1
6 k
400
600
24
0.04
IC, COLLECTOR CURRENT (AMP)
1.4
1
2.2
1.8
0.6
0.2
0.06
0.2
2
0.1
0.6
0.4
1
4
3.4
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.6
0.1
0.2
0.5
10
25
1
3
1
20
50
100
IC =
0.5 A
TJ = 125C
VCE = 3 V
TJ = 125C
1 A
2 A
4 A
TJ = 25C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3 V
VCE(sat) @ IC/IB = 250
TYPICAL ELECTRICAL CHARACTERISTICS
0.04
IC, COLLECTOR CURRENT (AMP)
0.06
0.2
0
0.1
0.6
0.4
1
- 4.8
23
4
+ 0.8
- 4
- 3.2
- 2.4
- 1.6
- 0.8
Figure 10. Temperature Coefficients
*APPLIED FOR IC/IB < hFE/3
25
C to 150C
- 55
C to 25C
25
C to 150C
25
C to 150C
qVC for VBE
qVC for VCE(sat)
10-1
0
-0.4
+0.2 +0.4 +0.6
-0.6
-0.2
+0.8
+1
+1.2 +1.4
104
VBE, BASE-EMITTER VOLTAGE (VOLTS)
103
102
101
100
REVERSE
FORWARD
105
Figure 11. Collector Cut−Off Region
VCE = 30 V
TJ = 150C
100
C
25
C
Figure 12. Darlington Schematic
BASE
EMITTER
COLLECTOR
 8 k
 60
NPN
MJD6039


Similar Part No. - MJD6039T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD6039T4G ONSEMI-MJD6039T4G Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
More results

Similar Description - MJD6039T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD6039 ONSEMI-MJD6039 Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
logo
List of Unclassifed Man...
GE10015 ETC-GE10015 Datasheet
183Kb / 1P
   Darlington Power Transistors
logo
NEC
2SD1296 NEC-2SD1296 Datasheet
151Kb / 1P
   Darlington Power Transistors
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
TAITRON Components Inco...
TIP100 TAITRON-TIP100 Datasheet
240Kb / 4P
   Darlington Power Transistors (NPN)
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com