Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS240LT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRS240LT3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS240LT3G Datasheet(HTML) 4 Page - ON Semiconductor

  MBRS240LT3G Datasheet HTML 1Page - ON Semiconductor MBRS240LT3G Datasheet HTML 2Page - ON Semiconductor MBRS240LT3G Datasheet HTML 3Page - ON Semiconductor MBRS240LT3G Datasheet HTML 4Page - ON Semiconductor MBRS240LT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBRS240LT3G, NRVBS240LT3G
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
100
120
TL, LEAD TEMPERATURE (°C)
2.0
1.0
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.5
2.0
0
1.6
1.2
1.0
0.4
0
110
150
140
1.0
1.5
0.6
3.0
Freq = 20 kHz
RqJL = 18°C/W
SQUARE WAVE
SQUARE WAVE
Ipk/Io =
p
Ipk/Io = 5.0
Ipk/Io = 10
Ipk/Io = 20
3.5
1.5
0.5
2.5
3.5
2.5
3.0
0.2
0.8
1.4
dc
130
dc
Figure 7. Capacitance
Figure 8. Maximum Non−Repetitive
Forward Surge Current
Figure 9. Thermal Response
30
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
1.0
PULSE WIDTH (
mSEC)
10000
1.0
10
15
5.0
10
20
25
35
40
1000
10
100
100
1000
TJ = 25°C
0.1
0.00001
t, TIME (s)
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04
0.0001
0.001
0.01
1.0
10
100
1000
50%
20%
10%
5.0%
2.0%
1.0%
Rtjl(t) = Rtjl*r(t)
10


Similar Part No. - MBRS240LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS240LT3G ONSEMI-MBRS240LT3G Datasheet
58Kb / 4P
   Surface Mount Schottky Power Rectifier
August, 2005 ??Rev. 4
MBRS240LT3G ONSEMI-MBRS240LT3G Datasheet
106Kb / 4P
   Surface Mount Schottky Power Rectifier
November, 2008 ??Rev. 5
More results

Similar Description - MBRS240LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com