Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS130LT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRS130LT3G
Description  Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS130LT3G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRS130LT3G Datasheet HTML 1Page - ON Semiconductor MBRS130LT3G Datasheet HTML 2Page - ON Semiconductor MBRS130LT3G Datasheet HTML 3Page - ON Semiconductor MBRS130LT3G Datasheet HTML 4Page - ON Semiconductor MBRS130LT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRS130LT3G, SBRS8130LT3G
http://onsemi.com
3
100
10
1.0
0.1
0.01
0.001
0
3
6
9
12
15
18
21
24
27
30
VR, REVERSE VOLTAGE (V)
TJ = 100C
25C
0
3
6
9
12
15
18
21
24
27
30
VR, REVERSE VOLTAGE (V)
TJ = 100C
25C
Figure 3. Typical Reverse Leakage Current
Figure 4. Typical Maximum Reverse Leakage
Curent
100
10
1.0
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
100
105
110
115
120
125
130
TC, CASE TEMPERATURE (C)
Figure 5. Current Derating (Case)
SQUARE WAVE
DC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.2
0.4
0.6
0.8
1
1.2
1.4 1.6
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 6. Typical Power Dissipation
SQUARE
DC
400
350
300
250
200
150
100
50
0
0
4
8
121620
24
2832
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Capacitance
NOTE: TYPICAL CAPACITANCE
AT 0 V = 290 pF


Similar Part No. - MBRS130LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS130LT3G ONSEMI-MBRS130LT3G Datasheet
95Kb / 6P
   Schottky Power Rectifier
November, 2006 ??Rev. 7
MBRS130LT3G ONSEMI-MBRS130LT3G Datasheet
139Kb / 6P
   Schottky Power Rectifier
May, 2009 ??Rev. 8
MBRS130LT3G ONSEMI-MBRS130LT3G Datasheet
278Kb / 6P
   Schottky Power Rectifier Surface Mount Power Package
December, 2019 - Rev. 11
MBRS130LT3G ONSEMI-MBRS130LT3G_V01 Datasheet
278Kb / 6P
   Schottky Power Rectifier Surface Mount Power Package
December, 2019 - Rev. 11
More results

Similar Description - MBRS130LT3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com