Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVBM2H100T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NRVBM2H100T3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVBM2H100T3G Datasheet(HTML) 2 Page - ON Semiconductor

  NRVBM2H100T3G Datasheet HTML 1Page - ON Semiconductor NRVBM2H100T3G Datasheet HTML 2Page - ON Semiconductor NRVBM2H100T3G Datasheet HTML 3Page - ON Semiconductor NRVBM2H100T3G Datasheet HTML 4Page - ON Semiconductor NRVBM2H100T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBRM2H100T3G, NRVBM2H100T3G
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(TL = 160°C)
IO
2.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Storage and Operating Junction Temperature Range (Note 1)
Tstg, TJ
−65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
YJCL
12
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
75
°C/W
Thermal Resistance, Junction−to−Ambient (Note 3)
RqJA
260
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 4)
(IF = 1.0 A, TJ = 25°C)
(IF = 2.0 A, TJ = 25°C)
(IF = 1.0 A, TJ = 125°C)
(IF = 2.0 A, TJ = 125°C)
VF
0.76
0.84
0.61
0.68
V
Maximum Instantaneous Reverse Current (Note 4)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
20
1.0
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Mounted with 700 mm2 copper pad size (Approximately 1 in2) 1 oz FR4 Board.
3. Mounted with pad size approximately 20 mm2 copper, 1 oz FR4 Board.
4. Pulse Test: Pulse Width ≤ 380 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - NRVBM2H100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVBM110ET1G ONSEMI-NRVBM110ET1G Datasheet
170Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 3
NRVBM110LT1G ONSEMI-NRVBM110LT1G Datasheet
157Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 2
NRVBM110LT3G ONSEMI-NRVBM110LT3G Datasheet
157Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 2
NRVBM120ET1G ONSEMI-NRVBM120ET1G Datasheet
180Kb / 6P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 3
NRVBM120ET3G ONSEMI-NRVBM120ET3G Datasheet
180Kb / 6P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 3
More results

Similar Description - NRVBM2H100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com