Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVB120ESFT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRVB120ESFT3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB120ESFT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NRVB120ESFT3G Datasheet HTML 1Page - ON Semiconductor NRVB120ESFT3G Datasheet HTML 2Page - ON Semiconductor NRVB120ESFT3G Datasheet HTML 3Page - ON Semiconductor NRVB120ESFT3G Datasheet HTML 4Page - ON Semiconductor NRVB120ESFT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 4
1
Publication Order Number:
MBR120ESFT1/D
MBR120ESF, NRVB120ESF
Surface Mount
Schottky Power Rectifier
Plastic SOD−123 Package
This device uses the Schottky Barrier principle with a large area
metal−to−silicon power diode. Ideally suited for low voltage, high
frequency rectification or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. This package also provides an easy to work
with alternative to leadless 34 package style. Because of its small size,
it is ideal for use in portable and battery powered products such as
cellular and cordless phones, chargers, notebook computers, printers,
PDAs and PCMCIA cards. Typical applications are AC−DC and
DC−DC converters, reverse battery protection, and “Oring” of
multiple supply voltages and any other application where performance
and size are critical.
Features
Guardring for Stress Protection
Low Leakage
150°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Package Designed for Optimal Automated Board Assembly
ESD Rating:
Human Body Model = 3B
Machine Model = C
NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant*
Mechanical Characteristics
Device Marking: L2E
Polarity Designator: Cathode Band
Weight: 11.7 mg (approximately)
Case: Epoxy, Molded
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
SOD−123FL
CASE 498
SCHOTTKY BARRIER
RECTIFIER
1.0 AMPERES
20 VOLTS
http://onsemi.com
L2EMG
G
L2E = Specific Device Code
M
= Date Code
G
= Pb−Free Package
MARKING DIAGRAM
MBR120ESFT1G
SOD−123FL
(Pb−Free)
3,000/
Tape & Reel **
MBR120ESFT3G
SOD−123FL
(Pb−Free)
10,000 /
Tape & Reel ***
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
(Note: Microdot may be in either location)
NRVB120ESFT1G
SOD−123FL
(Pb−Free)
3,000/
Tape & Reel **
NRVB120ESFT3G
SOD−123FL
(Pb−Free)
10,000 /
Tape & Reel ***
**
8 mm Tape, 7” Reel
*** 8 mm Tape, 13” Reel


Similar Part No. - NRVB120ESFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVB120LSF ONSEMI-NRVB120LSF Datasheet
139Kb / 6P
   Surface Mount Schottky Power Rectifier
August, 2014 - Rev. 4
NRVB120LSFT1G ONSEMI-NRVB120LSFT1G Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier
August, 2014 ??Rev. 4
NRVB120LSFT1G ONSEMI-NRVB120LSFT1G Datasheet
139Kb / 6P
   Surface Mount Schottky Power Rectifier
August, 2014 - Rev. 4
NRVB120VLSF ONSEMI-NRVB120VLSF Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2014 ??Rev. 4
NRVB120VLSFT1G ONSEMI-NRVB120VLSFT1G Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2014 ??Rev. 4
More results

Similar Description - NRVB120ESFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com