Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCLK Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # SCLK
Description  96kHz Sampling DS 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

SCLK Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  SCLK Datasheet HTML 1Page - Asahi Kasei Microsystems SCLK Datasheet HTML 2Page - Asahi Kasei Microsystems SCLK Datasheet HTML 3Page - Asahi Kasei Microsystems SCLK Datasheet HTML 4Page - Asahi Kasei Microsystems SCLK Datasheet HTML 5Page - Asahi Kasei Microsystems SCLK Datasheet HTML 6Page - Asahi Kasei Microsystems SCLK Datasheet HTML 7Page - Asahi Kasei Microsystems SCLK Datasheet HTML 8Page - Asahi Kasei Microsystems SCLK Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 2 -
„ Ordering Guide
AK5352-VF
-10
70°C
24pin VSOP
AKD5351/2
Evaluation Board
„ Pin Layout
„ Replacement from AK5350 to AK5352
AK5350
AK5352
Package
28VSOP
24VSOP
*)Interchangeable with AK5352
fc of HPF(@fs=48kHz)
7Hz
1Hz


Similar Part No. - SCLK

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SCL EXAR-SCL Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
logo
SYNERGY MICROWAVE CORPO...
SCL-1D-BD SYNERGY-SCL-1D-BD Datasheet
330Kb / 3P
   Bi-directional coupler
logo
Sumida Corporation
SCL-2M2012-121JT SUMIDA-SCL-2M2012-121JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCL-2M2012-181JT SUMIDA-SCL-2M2012-181JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCL-2M2012-221JT SUMIDA-SCL-2M2012-221JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
More results

Similar Description - SCLK

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com