Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGND Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # DGND
Description  96kHz Sampling DS 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

DGND Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button DGND Datasheet HTML 7Page - Asahi Kasei Microsystems DGND Datasheet HTML 8Page - Asahi Kasei Microsystems DGND Datasheet HTML 9Page - Asahi Kasei Microsystems DGND Datasheet HTML 10Page - Asahi Kasei Microsystems DGND Datasheet HTML 11Page - Asahi Kasei Microsystems DGND Datasheet HTML 12Page - Asahi Kasei Microsystems DGND Datasheet HTML 13Page - Asahi Kasei Microsystems DGND Datasheet HTML 14Page - Asahi Kasei Microsystems DGND Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 11 -
OPERATION OVERVIEW
„ System clock
In slave mode, MCLK(256fs/384fs), LRCK(fs) and SCLK(64fs) are required for AK5352. Use a signal divided
from the MCLK for LRCK. In master mode, only MCLK is needed. A LRCK clock rate meets standard audio
rates (32kHz, 44.1kHz, 48kHz, 96kHz). MCLK=384fs does not correspond to 96kHz sampling. In slave mode,
the MCLK should be synchronized with LRCK but the phase is free of care.
The AK5352 includes the phase detect circuit for LRCK clock, the AK5352 is reset automatically when the
synchronization is out of phase by changing the clock frequencies. (Please refer to the "Asynchronization -
reset.") When changing sampling frequency(fs) after power-up, AK5352 should be reset.
During the operation (
PD="H") following external clocks should never be stopped : CLK in master mode and
MCLK, SCLK and LRCK in slave mode. When the clocks stop there is a possibility that the device comes into
a malfunction because of over currents in the dynamic logic. If the external clocks are not present, the AK5352
should be in the power-down mode. (
PD="L")
Master Clock (MCLK)
fs
256fs
384fs
SCLK(64fs)
32.0kHz
8.1920MHz
12.2880MHz
2.0480MHz
44.1kHz
11.2896MHz
16.9344MHz
2.8224MHz
48.0kHz
12.2880MHz
18.4320MHz
3.0720MHz
96.0kHz
24.5760MHz
N/A
6.1440MHz
Table 1 . System Clock
„ Clock Circuit
CMODE
MCLK
L
256fs
H
384fs
AK5352 has an internal divider as shown in the above figure. The device can interface either or an external
MCLK(256fs or 384fs) by controlling CMODE pin.


Similar Part No. - DGND

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DGND EXAR-DGND Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
More results

Similar Description - DGND

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com