Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TST4 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # TST4
Description  96kHz Sampling DS 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

TST4 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  TST4 Datasheet HTML 1Page - Asahi Kasei Microsystems TST4 Datasheet HTML 2Page - Asahi Kasei Microsystems TST4 Datasheet HTML 3Page - Asahi Kasei Microsystems TST4 Datasheet HTML 4Page - Asahi Kasei Microsystems TST4 Datasheet HTML 5Page - Asahi Kasei Microsystems TST4 Datasheet HTML 6Page - Asahi Kasei Microsystems TST4 Datasheet HTML 7Page - Asahi Kasei Microsystems TST4 Datasheet HTML 8Page - Asahi Kasei Microsystems TST4 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 5 -
ABSOLUTE MAXIMUM RATINGS
(AGND,DGND=0V; Note 1 )
Parameter
Symbol
min
max
Units
DC Power Supply:Analog Power(VA pin)
Digital Power(VD pin) (Note 2 )
Substrate Power(VB pin)
VA
VD
VB
-0.3
-0.3
-0.3
6.0
6.0/VB+0.3
6.0
V
V
Input Current (Any pin except supplies)
IIN
-
±10
mA
Analog Input Voltage
AINL+,AINL-,AINR+,AINR-pins
(Note 2 )
VINA
-0.3
6.0/VA+0.3
V
Digital Input Voltage
(Note 2 )
VIND
-0.3
6.0/VB+0.3
V
Ambient Temperature
Ta
-10
70
°C
Storage Temperature
Tstg
-65
150
°C
Note 1 : All voltage with respect to ground.
Note 2 : Absolute maximum value is the highest voltage in 6.0V, VA+0.3V and VB+0.3V.
WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND,DGND=0V; Note 1 )
Parameter
Symbol
min
typ
max
Units
DC Power Supplies: Analog Power
Digital Power(VD pin)
Substrate Power(VB pin)(Note 3 )
VA
VD
VB
4.75
4.75
4.75
5.0
5.0
5.0
5.25
VB
5.25
V
V
V
Note 1 : All voltages with respect to ground.
Note 3 : The VA and VB are connected together through the chip substrate and have several ohms
resistance. VA and VD must be same voltage.
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Similar Part No. - TST4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TST40L100CW TSC-TST40L100CW Datasheet
219Kb / 5P
   Trench Schottky Rectifier
logo
Inchange Semiconductor ...
TST40L100CW ISC-TST40L100CW Datasheet
190Kb / 2P
   Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
TST40L120CW TSC-TST40L120CW Datasheet
219Kb / 5P
   Trench Schottky Rectifier
TST40L150CW TSC-TST40L150CW Datasheet
219Kb / 5P
   Trench Schottky Rectifier
logo
Inchange Semiconductor ...
TST40L150CW ISC-TST40L150CW Datasheet
286Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - TST4

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com