Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5385AVF Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK5385AVF
Description  24Bit 192kHz DS ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5385AVF Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK5385AVF Datasheet HTML 5Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 6Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 7Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 8Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 9Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 10Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 11Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 12Page - Asahi Kasei Microsystems AK5385AVF Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ASAHI KASEI
[AK5385A]
MS0265-E-01
2003/11
- 9 -
FILTER CHARACTERISTICS (fs=48kHz)
(Ta=25
°C; AVDD=4.75 ∼ 5.25V; DVDD=3.0 ∼ 5.25V; DFS1 = “L”, DFS0 = “L”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 8)
−0.005dB
−0.02dB
−0.06dB
−6.0dB
PB
0
-
-
-
22.038
22.2
24.0
21.5
-
-
-
kHz
kHz
kHz
kHz
Stopband
SB
26.5
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
100
dB
Group Delay
(Note 9)
GD
43.2
1/fs
Group Delay Distortion
∆GD
0
µs
ADC Digital Filter (HPF):
Frequency Response
(Note 8)
−3dB
−0.1dB
FR
1.0
6.5
Hz
Hz
FILTER CHARACTERISTICS (fs=96kHz)
(Ta=25
°C; AVDD=4.75 ∼ 5.25V; DVDD=3.0 ∼ 5.25V; DFS1 = “L”, DFS0 = “H”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 8)
−0.005dB
−0.02dB
−0.06dB
−6.0dB
PB
0
-
-
-
44.081
44.5
48.0
43.0
-
-
-
kHz
kHz
kHz
kHz
Stopband
SB
53.0
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
100
dB
Group Delay
(Note 9)
GD
43.1
1/fs
Group Delay Distortion
∆GD
0
µs
ADC Digital Filter (HPF):
Frequency Response
(Note 8)
−3dB
−0.1dB
FR
2.0
13.0
Hz
Hz
Note 8. The passband and stopband frequencies scale with fs. The reference frequency of these responses is 1kHz.
Note 9. The calculated delay time induced by digital filtering. This time is from the input of an analog signal to the
setting of 24bit data both channels to the ADC output register for ADC.


Similar Part No. - AK5385AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
More results

Similar Description - AK5385AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
logo
Wolfson Microelectronic...
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
   24BIT 192KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com