Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFD80N Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # WFD80N
Description  Waterflow Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFD80N Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  WFD80N Datasheet HTML 1Page - Systemsensor advanced ideas. WFD80N Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WFDN Series
Waterflow Detector
The new WFDN Series waterflow detectors from System Sensor
consists of a rugged, NEMA 4-rated enclosure that is more damage
resistant than previous metal designs. The waterflow detector is
designed for both indoor and outdoor use, with the widest available
temperature range, from 32°F to 150°F. They are also approved for
installation on the widest range of pipe schedules, sizes 2 in. through
4 in. are approved for installation on pipe schedules 7 through 40.
UL-listed models are equipped with tamper-resistant cover screws
to prevent unauthorized entry. Inside, two sets of SPDT (Form C)
synchronized switches are enclosed in a durable terminal block with
new layout designed to make wiring easy with wire ready terminals,
COM terminals are on a different elevation, large barrier between
switches and easy to read raised textured lettering all make wiring
easy. An optional cover tamper switch is available, securely snaps
into place, no tools required.
The WFDN series incorporates a mechanical time delay feature,
which minimizes the risk of false alarm due to pressure surges or air
trapped in the fire sprinkler system. The larger and easy to turn timer
dial makes setting the waterflow detector easy with high contrast
pad printed markings. The dial offers three tabs to help with turning,
with one larger tab located on the dial position for approximately 60
seconds, a notch is also indicated on the dial to locate approximately
30 seconds making setting the detector in dimmly lit locations easy.
The WFDN series is designed for accuracy and repeatability. The
detector also offers improved performance during vibration in riser
applications where detectors are exposed to a large in rush of water.
Agency Listings
The System Sensor WFDN series is compatible with
schedule 7 through 40 steel pipe, for sizes 2 in. through
4 in. and compatible with schedule 10 through 40 steel
pipe, sizes 5 in. through 8 in., and can be mounted in a
vertical or horizontal position.
Features
• New directional cover allows installers and inspectors to
easily see the direction of flow
• UL-listed models are NEMA 4 rated
• New cover provides a better seal, is lighter weight, not painted
and corrosion resistant
• Sealed retard mechanism immune to dust and other contaminants
• Less exposed metal reduces shock hazard, plastic cover acts as
insulator and is resistant to arcing
• Visual switch activation
• Audible switch activation (73 dBA)
• Field-replaceable timer/switch assembly
• Accommodates up to 12 AWG wire
• Switch Synchronization activates both alarm panel
and local bell or horn strobe
• Tamper-resistant cover screws
• Improved water sealing
• Reduced product weight
• Wire-ready terminals
• Improved wiring with new terminal block layout
• Snap-in optional cover tamper switch
• Improved timer repeatability and accuracy
3051266
7770-1653:0231
S739


Similar Part No. - WFD80N

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
WFD80 SYSTEMSENSOR-WFD80 Datasheet
480Kb / 2P
   Waterflow Detector
WFD80E SYSTEMSENSOR-WFD80E Datasheet
179Kb / 2P
   Waterfl ow Detector
WFD80EXP SYSTEMSENSOR-WFD80EXP Datasheet
108Kb / 2P
   Explosion Proof Waterflow Detector
WFD80EXP SYSTEMSENSOR-WFD80EXP Datasheet
431Kb / 2P
   Explosion Proof Waterflow Detector
More results

Similar Description - WFD80N

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
WFDTN SYSTEMSENSOR-WFDTN Datasheet
494Kb / 2P
   Waterflow Detector
WFD SYSTEMSENSOR-WFD Datasheet
480Kb / 2P
   Waterflow Detector
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
   Explosion Proof Waterflow Detector
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
   Explosion Proof Waterflow Detector
AFDT SYSTEMSENSOR-AFDT Datasheet
88Kb / 2P
   Solid State Waterflow Detectors
logo
Gamewell-FCI by Honeywe...
117-2110A GAMEWELL-FCI-117-2110A Datasheet
50Kb / 1P
   WATERFLOW AND SUPERVISORY SWITCHES
logo
Systemsensor advanced i...
LFD30-2 SYSTEMSENSOR-LFD30-2 Datasheet
130Kb / 2P
   Low Flow Rate Waterflow Detectors
logo
JFW Industries, Inc.
50D-052 JFW-50D-052_17 Datasheet
27Kb / 1P
   DETECTOR
75D-010 JFW-75D-010_17 Datasheet
26Kb / 1P
   DETECTOR
50D-050 JFW-50D-050_17 Datasheet
26Kb / 1P
   DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com