Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6672MA Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6672MA
Description  Dual, High Output Current, High Speed Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6672MA Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6672MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance Characteristics At T
J = 25˚C, RF = 470Ω gain = +2, RL = 100Ω. Unless
otherwise specified. (Continued)
V
OUT vs. V IN
Harmonic Distortion vs. Load
20016638
20016620
Harmonic Distortion vs. Load
Harmonic Distortion vs. Output Voltage
20016619
20016614
Harmonic Distortion vs. Output Voltage
Harmonic Distortion vs. Output Voltage
20016613
20016612
www.national.com
7


Similar Part No. - LMH6672MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6672MA/NOPB TI1-LMH6672MA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
LMH6672MAX/NOPB TI1-LMH6672MAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
More results

Similar Description - LMH6672MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
ALM2402-Q1 TI1-ALM2402-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Op-amp with High Current Output
logo
National Semiconductor ...
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
   HIGH-SPEED OUTPUT CLAMPING OP AMP
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
   High-Speed Output Clamping Op Amp
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD644JH AD-AD644JH Datasheet
236Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD644 AD-AD644 Datasheet
255Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD644 AD-AD644_15 Datasheet
258Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com