Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143EN3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTC143EN3
Description  NPN Digital Transistors (Built-in Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC143EN3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTC143EN3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC143EN3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC143EN3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC143EN3 Datasheet HTML 4Page - Cystech Electonics Corp. DTC143EN3 Datasheet HTML 5Page - Cystech Electonics Corp. DTC143EN3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C368N3
Issued Date : 2003.05.27
Revised Date : 2011.01.24
Page No. : 2/6
DTC143EN3
CYStek Product Specification
Electrical Characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-
0.5
V
VCC=5V, IO=100μA
Input Voltage
VI(on)
3
-
-
V
VO=0.3V, IO=20mA
Output Voltage
VO(on)
-
-
0.3
V
IO/II=10mA/0.5mA
Input Current
II
-
-
1.8
mA
VI=5V
Output Current
IO(off)
-
-
0.5
μA
VCC=50V, VI=0V
DC Current Gain
GI
20
-
-
-
VO=5V, IO=10mA
Input Resistance
R1
3.29
4.7
6.11
k
Ω
-
Resistance Ratio
R2/R1
0.8
1
1.2
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=10V, IC=5mA, f=100MHz *
* Transition frequency of the device
Ordering Information
Device
Package
Shipping
Marking
DTC143EN3
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
8J


Similar Part No. - DTC143EN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC143EN3 CYSTEKEC-DTC143EN3 Datasheet
152Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC143EN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com