Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHP22N60AE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHP22N60AE
Description  Low input capacitance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHP22N60AE Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHP22N60AE Datasheet HTML 1Page - Vishay Siliconix SIHP22N60AE Datasheet HTML 2Page - Vishay Siliconix SIHP22N60AE Datasheet HTML 3Page - Vishay Siliconix SIHP22N60AE Datasheet HTML 4Page - Vishay Siliconix SIHP22N60AE Datasheet HTML 5Page - Vishay Siliconix SIHP22N60AE Datasheet HTML 6Page - Vishay Siliconix SIHP22N60AE Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SiHP22N60AE
www.vishay.com
Vishay Siliconix
S16-1715-Rev. A, 29-Aug-16
4
Document Number: 91921
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Typical Source-Drain Diode Forward Voltage
Fig. 9 - Maximum Safe Operating Area
Fig. 10 - Maximum Drain Current vs. Case Temperature
Fig. 11 - Temperature vs. Drain-to-Source Voltage
0
3
6
9
12
0
15304560
Q
g, Total Gate Charge (nC)
V
DS = 480 V
V
DS = 300 V
V
DS = 120 V
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
SD, Source-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
0.01
0.1
1
10
100
110
100
1000
V
DS, Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
I
DM limited
T
C = 25 °C
T
J = 150 °C
Single pulse
BVDSS limited
10 ms
100 μs
Operation in this area
limited by R
DS(on)
1 ms
0
5
10
15
20
25
50
75
100
125
150
T
C, Case Temperature (°C)
600
625
650
675
700
725
750
775
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
J, Junction Temperature (°C)
I
D = 250 μA


Similar Part No. - SIHP22N60AE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHP22N60AE ISC-SIHP22N60AE Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
149Kb / 8P
   E Series Power MOSFET
01-Jan-2022
SIHP22N60AE-BE3 VISHAY-SIHP22N60AE-BE3 Datasheet
149Kb / 8P
   E Series Power MOSFET
01-Jan-2022
SIHP22N60AE-GE3 VISHAY-SIHP22N60AE-GE3 Datasheet
149Kb / 8P
   E Series Power MOSFET
01-Jan-2022
SIHP22N60AE VISHAY-SIHP22N60AE_V01 Datasheet
149Kb / 8P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHP22N60AE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
   Low Input Capacitance
DMN6070SSD DIODES-DMN6070SSD Datasheet
240Kb / 6P
   Low Input Capacitance
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
   Low Input Capacitance
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
   Low Input Capacitance
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
   Low Input Capacitance
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
   Low Input Capacitance
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
   Low Input Capacitance
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
   Low Input Capacitance
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
   Low Input Capacitance
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
   Low Input Capacitance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com