Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHH20N50E Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHH20N50E
Description  E Series Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHH20N50E Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHH20N50E Datasheet HTML 1Page - Vishay Siliconix SIHH20N50E Datasheet HTML 2Page - Vishay Siliconix SIHH20N50E Datasheet HTML 3Page - Vishay Siliconix SIHH20N50E Datasheet HTML 4Page - Vishay Siliconix SIHH20N50E Datasheet HTML 5Page - Vishay Siliconix SIHH20N50E Datasheet HTML 6Page - Vishay Siliconix SIHH20N50E Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SiHH20N50E
www.vishay.com
Vishay Siliconix
S16-1262-Rev. A, 27-Jun-16
4
Document Number: 91847
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Typical Source-Drain Diode Forward Voltage
Fig. 9 - Maximum Safe Operating Area
Fig. 10 - Maximum Drain Current vs. Case Temperature
Fig. 11 - Temperature vs. Drain-to-Source Voltage
0
4
8
12
16
20
24
0
20406080
100
Q
g, Total Gate Charge (nC)
V
DS = 400 V
V
DS = 250 V
V
DS = 100 V
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
SD, Source-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
0.01
0.1
1
10
100
110
100
1000
V
DS, Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM limited
T
C = 25 °C
T
J = 150 °C
Single pulse
BVDSS limited
10 ms
100 μs
Operation in this area
limited by R
DS(on)
0
5
10
15
20
25
25
50
75
100
125
150
T
C, Case Temperature (°C)
475
500
525
550
575
600
625
650
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
J, Junction Temperature (°C)
I
D = 250 μA


Similar Part No. - SIHH20N50E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHH20N50E-T1-GE3 VISHAY-SIHH20N50E-T1-GE3 Datasheet
149Kb / 7P
   E Series Power MOSFET
08-Feb-17
SIHH20N50E VISHAY-SIHH20N50E_V01 Datasheet
149Kb / 7P
   E Series Power MOSFET
08-Feb-17
More results

Similar Description - SIHH20N50E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com