Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-635T6-TR2G Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-635T6-TR2G
Description  GPS Low Noise Amplifi er with Variable Bias Current and Shutdown Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-635T6-TR2G Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-635T6-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-635T6-TR2G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Figure 8. Gain vs Vdd vs Temp
MGA-635T6 Typical Performance Curves, Vdd=Vsd=+2.85V, R1=22KOhm measured on demoboard (see Fig.4)
(At 25°C unless specified otherwise)
Figure 9. NF vs Vdd vs Temp
Figure 10. IIP3 vs Vdd vs Temp
Figure 11. IP1dB vs Vdd vs Temp
Figure 12. Ids vs Vdd vs Temp
6
8
10
12
14
16
18
2.4
2.6
2.8
3
3.2
3.4
Vdd (V)
25 deg
-40 deg
85 deg
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.4
2.6
2.8
3
3.2
3.4
Vdd (V)
25 deg
-40 deg
85 deg
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.4
2.6
2.8
3
3.2
3.4
Vdd (V)
25 deg
-40 deg
85 deg
0.5
1
1.5
2
2.5
3
3.5
4
2.4
2.6
2.8
3
3.2
3.4
Vdd (V)
25 deg
-40 deg
85 deg
0
1
2
3
4
5
6
7
8
2.4
2.6
2.8
3
3.2
3.4
Vdd (V)
25 deg
-40 deg
85 deg


Similar Part No. - MGA-635T6-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-635T6-TR2G BOARDCOM-MGA-635T6-TR2G Datasheet
125Kb / 10P
   GPS Low Noise Amplifi er with Variable Bias Current and Shutdown Function
More results

Similar Description - MGA-635T6-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-635T6 BOARDCOM-MGA-635T6 Datasheet
125Kb / 10P
   GPS Low Noise Amplifi er with Variable Bias Current and Shutdown Function
ALM-2506 BOARDCOM-ALM-2506 Datasheet
128Kb / 9P
   GPS Low Noise Amplifi er Variable Current/Shutdown Function
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1106 AVAGO-ALM-1106 Datasheet
177Kb / 10P
   GPS Low Noise amplifier with Variable bias current and Shutdown function
logo
Broadcom Corporation.
ALM-1106 BOARDCOM-ALM-1106 Datasheet
177Kb / 10P
   GPS Low Noise amplifier with Variable bias current and Shutdown function
ALM-GA002 BOARDCOM-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GA002 AVAGO-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
logo
Broadcom Corporation.
DEMO-MGA-675T6 BOARDCOM-DEMO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er with Shutdown Mode
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com