Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6441-BLKG Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6441-BLKG
Description  36-40 GHz, 0.4W Power Amplifi er in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6441-BLKG Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6441-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AMMP-6441
36 - 40 GHz, 0.4W Power Amplifier in SMT Package
Data Sheet
Description
The AMMP-6441 MMIC is a 0.4W power amplifier in a
surface mount package designed for use in transmitters
that operate at frequencies between 36GHz and 40GHz. In
the operational band, it provides 26 dBm of output power
(P-1dB) and 20dB of small-signal gain.
Applications
 LMDS & Pt-Pt mmW Long Haul
 Microwave Radio systems
 WLL and MMDS loops
Package Diagram
Features
 5x5mm SMT package
 0.4 watt output power
 50  match on input and output
Typical Performance (Vd=5V, Idsq=0.45A)
 Frequency range 36 to 40 GHz
 Small signal Gain of 20dB
 Output power @P-1 of 26dBm (Typ.)
 Input and Output return losses -10dB
Functional Block Diagram
Attention: Observe Precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A): 40V
ESD Human Body Model (Class 0): 150V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.
8
1
2
3
4
5
6
7
Pin
Function
1Vg
2Vd1
3Vd2
4
RF OUT
5Vd2
6Vd1
7Vg
8
RF IN
Note:
1. This MMIC uses depletion mode pHEMT devices.
Negative supply is used for DC gate biasing.
1
23
75
6
4
8
RF IN
RF OUT
Vd1
Vg
Vd2
Vd1
Vg
Vd2
Note: MSL Rating = Level 2A
RoHS-Exemption
Please refer to hazardous substances table on page 10.


Similar Part No. - AMMP-6441-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6441-BLKG AVAGO-AMMP-6441-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6441-BLKG BOARDCOM-AMMP-6441-BLKG Datasheet
263Kb / 9P
   36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
More results

Similar Description - AMMP-6441-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6441 BOARDCOM-AMMP-6441 Datasheet
263Kb / 9P
   36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
AMMP-6421 BOARDCOM-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
logo
Broadcom Corporation.
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
   40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425_15 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
AMMC-6425 BOARDCOM-AMMC-6425 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com