Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3523-01R Datasheet(PDF) 6 Page - Fuji Electric

Part # 2SK3523-01R
Description  POWER MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3523-01R Datasheet(HTML) 6 Page - Fuji Electric

Back Button 2SK3523-01R Datasheet HTML 2Page - Fuji Electric 2SK3523-01R Datasheet HTML 3Page - Fuji Electric 2SK3523-01R Datasheet HTML 4Page - Fuji Electric 2SK3523-01R Datasheet HTML 5Page - Fuji Electric 2SK3523-01R Datasheet HTML 6Page - Fuji Electric 2SK3523-01R Datasheet HTML 7Page - Fuji Electric 2SK3523-01R Datasheet HTML 8Page - Fuji Electric 2SK3523-01R Datasheet HTML 9Page - Fuji Electric 2SK3523-01R Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
H04-004-03
Fuji Electric Co.,Ltd.
MS5F5173 6 / 19
8.Reliability test items
All guaranteed values are under the categories of reliability per non-assembled(only MOSFETs).
Each categories under the guaranteed reliability conform to EIAJ ED4701 B101A standards.
Test items required without fail : Test Method B-121,B-122,B-123,B-131,B-141
Humidification treatment (85±2°C,65±5%RH,168±24hr)
Heat treatment of soldering (Solder Dipping,260±5°C(265°Cmax.),10±1sec,2 times)
Test
Test
Testing methods and Conditions
Reference
Sampling
Acceptance
No.
Items
Standard
number
number
EIAJ ED4701
1 Terminal
Pull force
Strength
TO-220,TO-220F : 10N
(Tensile)
TO-3P,TO-3PF,TO-247 : 25N
A-111A
15
TO-3PL : 45N
method 1
T-Pack,K-Pack : 10N
Force maintaining duration :30±5sec
2 Terminal
Load force
Strength
TO-220,TO-220F : 5N
(Bending)
TO-3P,TO-3PF,TO-247 : 10N
A-111A
15
TO-3PL : 15N
method 3
T-Pack,K-Pack : 5N
Number of times :2times(90deg./time)
3 Mounting
Screwing torque value: (M3)
(0:1)
Strength
TO-220,TO-220F : 40±10N
A-112
15
TO-3P,TO-3PF,TO-247 : 50±10N
method 2
TO-3PL : 70±10N
4 Vibration
frequency : 100Hz to 2kHz
Acceleration : 100m/s
2
A-121
15
Sweeping time : 20min./1 cycle
test code C
6times for each X,Y&Z directions.
5 Shock
Peak amplitude: 15km/s
2
A-122
Duration time : 0.5ms
test code D
15
3times for each X,Y&Z directions.
6 Solderability
Solder temp. : 235
±5°C
Immersion time : 5
±0.5sec
A-131A
Each terminal shall be immersed in
test code A
15
the solder bath within 1 to 1.5mm from
the body.
7 Resistance to
Solder temp. : 260
±5°C
Soldering Heat
Immersion time : 10
±1sec
A-132
15
Number of times : 2times


Similar Part No. - 2SK3523-01R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
113Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3523-01R ISC-2SK3523-01R Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R_03 Datasheet
113Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - 2SK3523-01R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com