Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACFM-7103-TR1 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7103-TR1
Description  Single Antenna connection for PCS and Cell band duplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7103-TR1 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7103-TR1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ACFM-7103 Electrical Specifications, TC [1] [2] as indicated, Dual Antenna Connection [4]
Symbol
Parameter
Units
– 30°C
+25°C
+85°C
Min
Typ [3] Max
Min
Typ [3] Max
Min
Typ [3] Max
GPS Filter Performance
Antenna–2 Port to GPS Receive Port
S47
Insertion Loss in GPS Band (L1)
(1574.4–1576.4 MHz)
dB
1.6
0.8
1.6
1.7
S47
Insertion Loss Ripple (p-p)
in GPS Band
dB
0.5
S44
Return Loss of GPS Port in GPS Band
dB
9
9
20
9
S77
Return Loss of Antenna–2 Port
in GPS Band
dB
9
9
23
9
Isolation – Cellular Transmit Port to GPS Port[5]
S45
Isolation in Cellular Tx Band
(824–849 MHz)
dB
50
50
54
50
S45
Isolation in GPS Band
(1574.4–1576.4 MHz)
dB
40
40
55
40
Isolation – PCS Transmit Port to GPS Port [5]
S42
Isolation in PCS Tx Band
(1850.5 – 1909.5 MHz)
dB
45
45
51
45
S42
Isolation in GPS Band
(1574.4–1576.4 MHz)
dB
40
40
46
40
Cellular Duplexer Performance
Antenna–1 Port to Cellular Receive Port
S61
Insertion Loss in Rx band
(869–894 MHz)
dB
3.6
1.5
3.6
3.6
S61
Insertion Loss Ripple (p-p) in Rx Band dB
1.5
S61
Attenuation in Tx band
(824–849 MHz)
dB
55
55
66
50
S61
Attenuation 0–804 MHz
dB
25
25
36
25
S61
Attenuation in Tx 2nd harmonic
band (1648–1698 MHz)
dB
30
30
54
30
S61
Attenuation in Tx 3rd harmonic
band (2472–2547 MHz)
dB
19
19
44
19
S66
Return Loss of Rx Port in Rx Band
(869–894 MHz)
dB
9
9
17
9
S11
Return Loss of Antenna–1 Port
in Rx Band (869–894 MHz)
dB
9
9
17
9


Similar Part No. - ACFM-7103-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFM-7103-TR1 BOARDCOM-ACFM-7103-TR1 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
More results

Similar Description - ACFM-7103-TR1

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DPF TOKO-6DPF Datasheet
184Kb / 1P
   Antenna Duplexers
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8D1T WALSIN-RFLPF10051G8D1T Datasheet
372Kb / 2P
   For DCS/ PCS Band Application
logo
CTS Corporation
UPD001A CTS-UPD001A Datasheet
226Kb / 2P
   Universal-footprint Pico Cell Duplexers
UMD005A CTS-UMD005A Datasheet
448Kb / 2P
   Universal-footprint Metro Cell Duplexers
USD001A CTS-USD001A Datasheet
263Kb / 2P
   Universal-footprint Small Cell Duplexers
logo
Taoglas antenna solutio...
FXP40.07.0085A TAOGLAS-FXP40.07.0085A_17 Datasheet
1Mb / 11P
   QUAD-BAND GSM850/GSM900/DCS/PCS FLEXIBLE PCB ANTENNA
logo
Agilent(Hewlett-Packard...
HPMD-7905 HP-HPMD-7905 Datasheet
113Kb / 8P
   FBAR Duplexer for US PCS Band
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
   FBAR Duplexer for US PCS Band
logo
TE Connectivity Ltd
1513430-1 TEC-1513430-1 Datasheet
765Kb / 5P
   2400-2483.5MHz SINGLE BAND ANTENNA
logo
Linx Technologies
ANT-490-CW-QW LINX-ANT-490-CW-QW Datasheet
742Kb / 8P
   Single-Band Connectorized Monopole Antenna
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com