Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACFM-7103-BLK Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7103-BLK
Description  Single Antenna connection for PCS and Cell band duplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7103-BLK Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACFM-7103-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
-80
-75
-70
-65
-60
-55
-50
-45
-40
800
820
840
860
880
900
920
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
800
820
840
860
880
900
920
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
200
400
600
800
1000
-70
-60
-50
-40
-30
-20
-10
0
1000
2000
3000
4000
5000
6000
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1650
1660
1670
1680
1690
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2480
2490
2500
2510
2520
2530
2540
Figure 21. Cellular Tx–Rx Isolation (Dual Antenna, Note1).
Figure 22. Cellular Band Antenna Return Loss (Dual Antenna, Note1).
Figure 23. Cellular Tx–Ant and Ant–Rx Low Frequency Insertion Loss
(Dual Antenna, Note1).
Figure 24. Cellular Tx–Ant and Ant–Rx Wideband Insertion Loss
(Dual Antenna, Note1).
Figure 25. Cellular Tx-Ant Rejection at Tx Second Harmonic
(Dual Antenna, Note1).
Figure 26. Cellular Tx–Ant Rejection at Tx Third Harmonic
(Dual Antenna, Note1).


Similar Part No. - ACFM-7103-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFM-7103-BLK BOARDCOM-ACFM-7103-BLK Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
More results

Similar Description - ACFM-7103-BLK

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DPF TOKO-6DPF Datasheet
184Kb / 1P
   Antenna Duplexers
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8D1T WALSIN-RFLPF10051G8D1T Datasheet
372Kb / 2P
   For DCS/ PCS Band Application
logo
CTS Corporation
UPD001A CTS-UPD001A Datasheet
226Kb / 2P
   Universal-footprint Pico Cell Duplexers
UMD005A CTS-UMD005A Datasheet
448Kb / 2P
   Universal-footprint Metro Cell Duplexers
USD001A CTS-USD001A Datasheet
263Kb / 2P
   Universal-footprint Small Cell Duplexers
logo
Taoglas antenna solutio...
FXP40.07.0085A TAOGLAS-FXP40.07.0085A_17 Datasheet
1Mb / 11P
   QUAD-BAND GSM850/GSM900/DCS/PCS FLEXIBLE PCB ANTENNA
logo
Agilent(Hewlett-Packard...
HPMD-7905 HP-HPMD-7905 Datasheet
113Kb / 8P
   FBAR Duplexer for US PCS Band
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
   FBAR Duplexer for US PCS Band
logo
TE Connectivity Ltd
1513430-1 TEC-1513430-1 Datasheet
765Kb / 5P
   2400-2483.5MHz SINGLE BAND ANTENNA
logo
Linx Technologies
ANT-490-CW-QW LINX-ANT-490-CW-QW Datasheet
742Kb / 8P
   Single-Band Connectorized Monopole Antenna
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com