Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL752600PBXNMXXHC-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # TPL752600PBXNMXXHC-PF
Description  TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TPL752600PBXNMXXHC-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TPL752600PBXNMXXHC-PF Datasheet HTML 1Page - Advanced Crystal Technology TPL752600PBXNMXXHC-PF Datasheet HTML 2Page - Advanced Crystal Technology TPL752600PBXNMXXHC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCXO part number generation
TPL75
2600
M
B
X
N
M
X
X
H
L
-PF
ACT
series
Code
Frequency
(MHz)
Eg. 26.00MHz
Temp.
stability
(±ppm)
Supply
voltage
(V)
Operating
temp. range
(°C)
Frequency
tuning
(±ppm)
Output
waveform
Mechanical
tuning
(±ppm)
Polarity
Duty
cycle
(%/%)
Tape
&
Reel
RoHS
TPL75
< 100MHz
First 4 digit of
frequency
> 100MHz
First 5 digit of
frequency
1.0 = P
2.0 = N
2.5 = M
3.0 = L
4.0 = J
5.0 = F
3.3V = B
0 ~ +50 = D
-10 ~ +60 = F
-20 ~ +70 = B
-30 ~ +75 = W
-30 ~ +85 = X
-40 ~ +85 = K
None = N
LVPECL = M
None = X
None = X
45/55 = H
Loose = L
1000 = C
2000 = E
-PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : TPL752600MBXNMXXHL-PF [26MHz], TPL751474MBXNMXXHL-PF [14.7456MHz]
VC-TCXO part number generation
VTP75
1474
M
B
X
E
M
X
D
P
E
H
L
-PF
ACT
series
Code
Frequency
(MHz)
Eg.
14.7456MHz
Temp.
stability
(±ppm)
Supply
voltage
(V)
Operating
temp. range
(°C)
Frequency
tuning
(±ppm)
Output
waveForm
Mechanical
tuning
(±ppm)
Electrical
tuning
(±ppm)
Polarity
Linearity
Duty cycle
Tape
&
Reel
RoHS
code
VTP75
< 100MHz
First 4 digit
of frequency
> 100MHz
First 5 digit
of frequency
1.0 = P
2.0 = N
2.5 = M
3.0 = L
4.0 = J
5.0 = F
3.3V = B
0 ~ 50 = D
-10 ~ +60 = F
-20 ~ +70 = B
-30~ +75 = W
-30 ~ +85 = X
-40 ~ +85 = K
Voltage
Control
Only
=
E
LVPECL = M
None
=
X
±5.0
=
D
Positive
=
P
±10%
=
E
45/55 = H
Loose = L
1000 = C
2000 = D
-PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : VTP751474MBXEMXDPEHL-PF (14.7456MHz)
(V)TPL75 Series
TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com
ISO9001 Registered
Specifications subject to change without notification


Similar Part No. - TPL752600PBXNMXXHC-PF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407L TI1-TPL7407L Datasheet
919Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Similar Description - TPL752600PBXNMXXHC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com