Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MCS9VJE84 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS9VJE84
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS9VJE84 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CR16MCS9VJE84 Datasheet HTML 3Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 4Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 5Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 6Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 7Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 8Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 9Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 10Page - National Semiconductor (TI) CR16MCS9VJE84 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 156 page
background image
7
www.national.com
The MICROWIRE interface allows several devices to com-
municate over a single system consisting of four wires: serial
in, serial out, shift clock, and slave enable. At any given time,
the MICROWIRE interface operates as the master or a slave.
The support supports the full set of slave select for multi-
slave implementation.
In master mode, the shift clock is generated on chip under
software control. In slave mode, a wake-up out of power-
save mode is triggered via the Multi-Input Wake-Up module.
3.14
CR16CAN
The CR16CAN device contains a FullCAN class, CAN serial
bus interface for applications that require a high speed (up to
1MBits per second) or a low speed interface with CAN bus
master capability. The data transfer between CAN and the
CPU is established by 15 memory mapped message buffers,
which can be individually configured as receive or transmit
buffers. An incoming message is filtered by two masks, one
for the first 14 message buffers and another one for the 15th
message buffer to provide a basic CAN path. A priority de-
coder allows any buffer to have the highest or lowest transmit
priority. Remote transmission requests can be processed au-
tomatically by automatic reconfiguration to a receiver after
transmission or by automated transmit scheduling upon re-
ception. In addition, a time stamp counter (16-bits wide) is
provided to support real time applications.
The CR16CAN device is a fast core bus peripheral, which al-
lows single cycle byte or word read/write access. A set of di-
agnostic features (such as loopback, listen only, and error
identification) support the development with the CR16CAN
module and provide a sophisticated error management tool.
The CR16CAN receiver can trigger a wake-up condition out
of the power-save modes via the Multi-Input Wake-Up mod-
ule.
3.15
ACCESS.BUS INTERFACE
The ACCESS.bus interface module (ACB) is a two-wire seri-
al interface with the ACCESS.bus physical layer. It is also
compatible with Intel’s System Management Bus (SMBus)
and Philips’ I
2C bus. The ACB module can be configured as
a bus master or slave, and can maintain bi-directional com-
munications with both multiple master and slave devices.
The ACCESS.bus receiver can trigger a wake-up condition
out of the power-save modes via the Multi-Input Wake-Up
module.
3.16
A/D CONVERTER
The A/D Converter (ADC) module is a 12-channel multi-
plexed-input analog-to-digital converter. The A/D Converter
receives an analog voltage signal on an input pin and con-
verts the analog signal into an 8-bit digital value using suc-
cessive approximation. The CPU can then read the result
from a memory-mapped register. The module supports four
automated operating modes, providing single-channel or 4-
channel operation in single or continuous mode.
The device has a separate pin, Vref, for the A/D reference
voltage.
3.17
ANALOG COMPARATORS
The Dual Analog Comparator (ACMP2) module contains two
independent analog comparators with all necessary control
logic. Each comparator unit compares the analog input volt-
ages applied to two input pins and determines which voltage
is higher. The CPU uses a memory-mapped register to con-
trol the comparator and to obtain the comparison results. The
comparison result can also be applied to comparator output
pins.
3.18
DEVELOPMENT SUPPORT
A powerful cross-development tool set is available from Na-
tional Semiconductor and third parties to support the devel-
opment and debugging of application software for the
CR16MCS9. The tool set lets you program the application
software in C and is designed to take full advantage of the
CompactRISC architecture.
There are In-System Emulation (ISE) devices available for
the device from iSYSTEM™, as well as lower-cost evaluation
boards. See your National Semiconductor sales representa-
tive for current information on availability and features of em-
ulation equipment and evaluation boards.


Similar Part No. - CR16MCS9VJE84

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEXY NSC-CR16MCT9VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MCS9VJE84

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com