Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3BB Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3BB
Description  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3BB Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS3BB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3BB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RS3BB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
RS3AB--RS3MB
Document Number : SMB203AA
www.gmicroelec.com
1
FEATURES
Low profile package
For surface mounted applications
Built-in strain relief, ideal for automated placement
Plastic package has underwriters, laborator flammability classification 94V-0
High temperature soldering: 250
oC/10 seconds at terminals
MECHANICAL DATA
Case :JEDEC SMB, molded plastic over ,passivated chip
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
RS3MB
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current TL=90℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed
on rated load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
RS3MB
UNITS
Typical junction capacitance
(Note2)
CJ
32
p F
Typical thermal resistance
(Note3)
RΘJA
40.0
℃/W
Operating junction and storage temperature range
TJ TSTG
- 55 ------ + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
RS3MB
UNITS
Maximum instantaneous forward voltage
at3.0 A
VF
1.30
V
Maximum reverse current
@TA=25 ℃
at rated DC blocking voltage
@TA=125℃
IR
5.0
200
μA
Typical reverse recovery time
(Note1)
trr
150
250
500
ns
NOTE:
1.Reverse recovery time test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
3. Thermal resistance from junction to ambient and junction to lead P.C.B. mounted on 0.2''X0.2''(5.0X5.0mm2) copper pad areas
Pb
Lead-free


Similar Part No. - RS3BB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3BB DIODES-RS3BB Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Thinki Semiconductor Co...
RS3BB THINKISEMI-RS3BB Datasheet
1Mb / 2P
   3.0 AMPERE GLASS PASSIVATED SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
RS3BB BILIN-RS3BB Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
SAMYANG ELECTRONICS CO....
RS3BB SAMYANG-RS3BB Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS3BB DAYA-RS3BB Datasheet
52Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS3BB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com