Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHQ69273CD-518VC3 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # FHQ69273CD-518VC3
Description  Phantom Fin Multiband Roof Mount Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

FHQ69273CD-518VC3 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  FHQ69273CD-518VC3 Datasheet HTML 1Page - Laird Tech Smart Technology FHQ69273CD-518VC3 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Americas: +1.847 839.6925
IAS-AmericasEastSales@lairdtech.com
Europe: +44.(0).1628.858941
IAS-EUSales@lairdtech.com
Asia: IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
MARKETS
Public Safety
PHANTOM FIN 4G/LTE, GPS, UHF & WLAN ROOF MOUNT ANTENNA
The Laird Phantom Fin multiband antenna provides an excellent solution for the public safety,
transportation and after market fleet applications. The Phantom Fin requires only (1) one single
hole mount/fixing which reduces vehicle damage, cost of installation and visual impact. The
Phantom Fin design provides multiple antenna functions while remaining discrete. The Phantom
Fin multiband antenna integrates 4G/LTE, GPS, UHF and WLAN frequency operation into one
aerodynamic housing.
Phantom Fin Multiband
Roof Mount Antenna
FHQ69273CD
for overt and/or discrete installations.
4G/LTE Port
WiFi Port
UHF Port
Frequency Bands, MHz
698-960 MHz 1710-2700 MHz 2400-2500 MHz 4900-5875 MHz 380-430 MHz
Peak Gain, Typical dBi
3.4 dBi
6.6 dBi
6.2 dBi
2.0 dBi
N/A
Nominal Impedance
50 Ohms
< 1.9:1
< 1.5:1
< 1.3:1
< 1.6:1
Port-to-Port
Isolation,
Maximum (Typical)
RoHS Compliant
Attractive, IP67 rated aerodynamic housing excellent
One (1) single hole mount/fixing which reduces
vehicle damage and cost of installation.
Multiband 4G/LTE,GPS,UHF, and WLAN frequency operation.
Transportation
Aftermarket Fleet
Land Mobile Radio
PERFORMANCE
FHQ69273CD
4 ports
5.5 dBi
4.0 dBi
7.1 dBi
7.8 dBi
2.6 dBi
6.4 dBi
VSWR*, Typical
N/A
N/A
4.1 dBi
N/A
VSWR*, Max
< 2.0:1
< 2.0:1
< 2.0:1
< 2.0:1
< 2.0:1
< 1.3:1
UHF-LTE
> 15 dB (18 dB)
UHF-WiFi > 20 dB (31 dB)
LTE-WiFi > 20 dB (23 dB)
Polarization
Vertical Linear
Azimuth Beam Width
Omnidirectional
Input Power, Max
Operating Temparture
Storage Temparture
Peak Gain, Maximum dBi
Weight Kg (lbs.)
Cable
Radome Material
Baseplate Material
Material Compliance
10 watt (ambient temp. of 25°C / 77°F
- 30°C to + 70°C ( - 22°F to + 158°F )
- 40°C to + 85°C ( - 40°F to + 185°F )
98 x 70 x 160 ( 3.9"x 2.7" x 6.30")
Approximately 0.52 Kg (1.15 lbs.)
LMR-100 ( 5.18 m / 17 ft.)
PC/ASA (Black)
Aluminum
Max Gain ± 30°
Above Horizon, dBi
Laird warrants to the original end user customer of its products that its products are free from defects in material and
workmanship. Subject to conditions and limitations Laird will, at its option, either repair or replace any part of its products
that prove defective by reason of improper workmanship or materials. This limited warranty is in force for the useful
lifetime of the original end product into which the Laird product is installed. Useful lifetime of the original end product may
vary but is not to exceed five (5) years from the original date of the end product purchase.
Port ID
SPECIFICATIONS
PARAMETER
Antenna Model / No. of Ports:
IP Dust & Water Ingress Rating
IP67
Patent Pending
Dimensions mm (inches)


Similar Part No. - FHQ69273CD-518VC3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
FHQ69273CE LSTD-FHQ69273CE Datasheet
305Kb / 2P
   The Laird Phantom Fin multiband
FHQ69273CE-518VC3 LSTD-FHQ69273CE-518VC3 Datasheet
305Kb / 2P
   The Laird Phantom Fin multiband
FHQ69273CE-518VC4 LSTD-FHQ69273CE-518VC4 Datasheet
305Kb / 2P
   The Laird Phantom Fin multiband
FHQ69273CE-518VC5 LSTD-FHQ69273CE-518VC5 Datasheet
305Kb / 2P
   The Laird Phantom Fin multiband
FHQ69273CE-518VC6 LSTD-FHQ69273CE-518VC6 Datasheet
305Kb / 2P
   The Laird Phantom Fin multiband
More results

Similar Description - FHQ69273CD-518VC3

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
   LTE Multiband / Active GPS Roof Mount Antenna
logo
Laird Tech Smart Techno...
FHQ69273CE LSTD-FHQ69273CE Datasheet
305Kb / 2P
   The Laird Phantom Fin multiband
logo
Pulse A Technitrol Comp...
L154 PULSE-L154 Datasheet
2Mb / 4P
   LTE Multiband / Active GPS Roof Mount Antenna
logo
Raltron Electronics Cor...
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
   MULTIBAND ANTENNA
RST-MB-P-153-SMA-G RALTRON-RST-MB-P-153-SMA-G Datasheet
214Kb / 3P
   MULTIBAND ANTENNA
RPA-MB-P-56-IPEX-30-G RALTRON-RPA-MB-P-56-IPEX-30-G Datasheet
138Kb / 2P
   MULTIBAND ANTENNA
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
   MULTIBAND ANTENNA
Rev B
logo
Pulse A Technitrol Comp...
ARMXXXXXAM PULSE-ARMXXXXXAM Datasheet
4Mb / 25P
   Vehicular Multiband Antenna with Adhesive Mount
ARMXXXXXDM PULSE-ARMXXXXXDM Datasheet
4Mb / 26P
   Vehicular Multiband Antenna with Direct Mount
ARMXXXXXMM PULSE-ARMXXXXXMM Datasheet
3Mb / 25P
   : Vehicular Multiband Antenna with Magnetic Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com