Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP91CW12AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TMP91CW12AF
Description  Quality And Reliability Assurance / Handling Precautions
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW12AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TMP91CW12AF Datasheet HTML 1Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 2Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 3Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 4Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 5Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 6Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 7Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 8Page - Toshiba Semiconductor TMP91CW12AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-2
2002-02-20
1.2
Quality Assurance Level of Semiconductor Products
Table 1
Lot Quality Assurance (AQL display: in accordance with ANSI Z 1.4-1993)
Item
AQL
0.15%
0.15%
0.25%
Appearance
Serious Defect
Minor Defect
Electrical Characteristics
Table 1 shows the lot quality
assurance level, which is complied
with the sampling inspection
method (AGL) of MIL-STD-105E.


Similar Part No. - TMP91CW12AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
More results

Similar Description - TMP91CW12AF

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL-150UYG COSMO-KL-150UYG Datasheet
178Kb / 9P
   SMD HANDLING AND APPLICATION PRECAUTIONS
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
   PRECAUTIONS FOR HANDLING & STORAGE
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-JB11-NMP01 AVAGO-ASMT-JB11-NMP01 Datasheet
72Kb / 2P
   Silicone Encapsulation for LED Advantages and Handling Precautions
logo
Keysight Technologies
W8632EP KEYSIGHT-W8632EP Datasheet
3Mb / 8P
   Model Quality Assurance
logo
List of Unclassifed Man...
HA10 ETC2-HA10 Datasheet
426Kb / 2P
   Uncompromising enterprise-class reliability and quality
logo
Rohm
SML-L13DTAFS ROHM-SML-L13DTAFS Datasheet
320Kb / 10P
   Specifications (Precautions and Prohibitions)
logo
Japan Aviation Electron...
CT150-4C-ILZ JAE-CT150-4C-ILZ Datasheet
351Kb / 9P
   Important safeguards and precautions
logo
Seoul Semiconductor
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
   High reliability and High quality of light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com