Electronic Components Datasheet Search |
|
CR16MCS9VJI24 Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
CR16MCS9VJI24 Datasheet(HTML) 6 Page - National Semiconductor (TI) |
6 / 156 page www.national.com 6 3.5 INTERRUPTS The Interrupt Control Unit (ICU31L) receives interrupt re- quests from internal and external sources and generates in- terrupts to the CPU. An interrupt is an event that temporarily stops the normal flow of program execution and causes a separate interrupt service routine to be executed. After the in- terrupt is serviced, CPU execution continues with the next in- struction in the program following the point of interruption. Interrupts from the timers, USARTs, MICROWIRE/SPI inter- face, multi-input wake-up, and A/D converter are all maskable interrupts; they can be enabled or disabled by the software. There are 32 of these maskable interrupts, orga- nized into 32 predetermined levels of priority. The highest-priority interrupt is the Non-Maskable Interrupt (NMI), which is generated by a signal received on the NMI in- put pin. 3.6 MULTI-INPUT WAKE-UP The Multi-Input Wake-Up (MIWU16) module can be used for either of two purposes: to provide inputs for waking up (exit- ing) from the HALT, IDLE, or Power Save mode; or to provide general-purpose edge-triggered maskable interrupts from external sources. This 16-channel module generates four programmable interrupts to the CPU based on the signals re- ceived on its 16 input channels. Channels can be individually enabled or disabled, and programmed to respond to positive or negative edges. 3.7 DUAL CLOCK AND RESET The Dual Clock and Reset (CLK2RES) module generates a high-speed main system clock from an external crystal net- work. It also provides the main system reset signal and a power-on reset function. This module also generates a slow system clock (32.768 kHz) from another external crystal network. The slow clock is used for operating the device in power-save mode. Without a 32.768kHz external crystal network, the low speed system clock can be derived from the high speed clock by a prescal- er. Also, two independent clocks divided down from the high speed clock are available on output pins. 3.8 POWER MANAGEMENT The Power Management Module (PMM) improves the effi- ciency of the device by changing the operating mode and therefore the power consumption according to the required level of activity. The device can operate in any of four power modes: — Active: The device operates at full speed using the high-frequency clock. All device functions are fully op- erational. — Power Save: The device operates at reduced speed using the slow clock. The CPU and some modules can continue to operate at this low speed. — IDLE: The device is inactive except for the Power Man- agement Module and Timing and Watchdog Module, which continue to operate using the slow clock. — HALT: The device is inactive but still retains its internal state (RAM and register contents). 3.9 MULTI-FUNCTION TIMER The Multi-Function Timer (MFT16) module contains two inde- pendent timer/counter units called MFT1 and MFT2, each containing a pair of 16-bit timer/counter registers. Each timer/ counter unit can be configured to operate in any of the follow- ing modes: — Processor-Independent Pulse Width Modulation (PWM) mode, which generates pulses of a specified width and duty cycle, and which also provides a gener- al-purpose timer/counter. — Dual Input Capture mode, which measures the elapsed time between occurrences of external events, and which also provides a general-purpose timer/ counter. — Dual Independent Timer mode, which generates sys- tem timing signals or counts occurrences of external events. — Single Input Capture and Single Timer mode, which provides one external event counter and one system timer. 3.10 VERSATILE TIMER UNIT The Versatile Timer Unit (VTU) module contains four inde- pendent timer subsystems, each operating in either dual 8-bit PWM configuration, as a single 16-bit PWM timer, or a 16-bit counter with two input capture channels. Each of the four tim- er subsystems offer an 8-bit clock prescaler to accommodate a wide range of frequencies. 3.11 REAL-TIME TIMER AND WATCHDOG The Timing and Watchdog Module (TWM) generates the clocks and interrupts used for timing periodic functions in the system. It also provides Watchdog protection against soft- ware errors. The module operates on the slow system clock. The real-time timer can generate a periodic interrupt to the CPU at a software-programmed interval. This can be used for real-time functions such as a time-of-day clock. The real- time timer can trigger a wake-up condition from power-save mode via the Multi-Input Wake-Up module. The Watchdog is designed to detect program execution er- rors such as an infinite loop or a “runaway” program. Once Watchdog operation is initiated, the application program must periodically write a specific value to a Watchdog regis- ter, within specific time intervals. If the software fails to do so, a Watchdog error is triggered, which resets the device. 3.12 USART The USART supports a wide range of programmable baud rates and data formats, and handles parity generation and several error detection schemes. The baud rate is generated on-chip, under software control. There are two independent USARTs in the device and they offer a wake-up condition from the power-save mode via the Multi-Input Wake-Up module. 3.13 MICROWIRE/SPI The MICROWIRE/SPI (MWSPI) interface module supports synchronous serial communications with other devices that conform to MICROWIRE or Serial Peripheral Interface (SPI) specifications. It supports 8-bit and 16-bit data transfers. |
Similar Part No. - CR16MCS9VJI24 |
|
Similar Description - CR16MCS9VJI24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |