Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD0120.332NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PD0120.332NL
Description  Wirewound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PD0120.332NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PD0120.332NL Datasheet HTML 1Page - Pulse A Technitrol Company PD0120.332NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
70
SPM2007 (11/07)
SMT POWER INDUCTORS
Wirewound - PD0120NL Series
0.0
10.00
20.0
30.0
40.0
50.0
60.0
0
5
10
15
20
25
30
35
40
Normalized IDC (Amps)
PD0120.503
PD0120.373
PD0120.223
PD0120.183
PD0120.113
PD0120.702
PD0120.532
PD120.332
PD0120.222
PD0120.152
PD0120.102
Notes from Tables
1. The rated current as listed is either the saturation current or the
heating current depending on which value is lower.
2. The saturation current is the current which causes the
inductance to drop by 10% at the stated ambient temperatures
(-40°C, 25°C and 125°C). This current is determined by placing
the component in the specified ambient environment and apply-
ing a short duration pulse current (to eliminate self-heating
effects) to the component.
3. The heating current is the DC current which causes the
temperature of the part to increase by approximately 45°C. This
current is determined by mounting the component on a PCB
with .25" wide, 3 oz. equivalent copper traces, and applying the
current to the device for 30 minutes with no forced air cooling.
4. In high volt*time applications, additional heating in the
component can occur due to losses in the inductor which may
neccessitate derating the current in order to limit the
temperature rise of the component. In order to determine
the approximate total losses (or temperature rise) for a given
application both copper losses and core losses should be taken
into account.
5. Optional Tape & Reel packaging can be ordered by adding a
"T" suffix to the part number (i.e. PD0120.102 becomes
PD0120.102T). Pulse complies to industry standard tape and
reel specification EIA481.
Estimated Temperature Rise:
Trise = Coreloss (mW) + DCRloss (mW) .833 (°C)
7.05
Coreloss = 1.86E-12 *
(Freq (kHz))1.63 * (Kc * Vµsec)2.17 (mW)
DCRloss = Irms2 * DCR(m
Ω) (mW)
Irms =
IDC2 + dI 2
½ (Arms)
12
Freq (kHz) = switching frequency (kHz)
Vµsec = L (µH) * dI or V * D * 1000/Freq (kHz)
dI = pk – pk ripple current across the component (A)
V = Voltage across the component (V)
D = Duty cycle
6. The "NL" suffix indicates an RoHS-compliant part number. Non-
NL suffixed parts are not necessarily RoHS compliant, but are
electrically and mechanically equivalent to NL versions. If a part
number does not have the "NL" suffix, but an RoHS compliant
version is required, please contact Pulse for availability.
7. The temperature of the component (ambient plus temperature
rise) must be within the stated operating temperature range.
Inductance vs Current Characteristics


Similar Part No. - PD0120.332NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PD0120.332NL PULSE-PD0120.332NL Datasheet
192Kb / 2P
   SMT POWER INDUCTORS Wirewound - PD0120NL Series
More results

Similar Description - PD0120.332NL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RHS2K5 OHMITE-RHS2K5 Datasheet
525Kb / 3P
   Wirewound
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
List of Unclassifed Man...
RHS15R ETC2-RHS15R Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
Ohmite Mfg. Co.
RJS12R OHMITE-RJS12R Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
RES1K5 OHMITE-RES1K5 Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
List of Unclassifed Man...
RHS2R0 ETC2-RHS2R0 Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
Ohmite Mfg. Co.
RHS10K OHMITE-RHS10K Datasheet
503Kb / 3P
   (Potentiometers) Wirewound
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com