Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4303.222NLT Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA4303.222NLT
Description  Shielded Drum Core Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4303.222NLT Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA4303.222NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4303.222NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4303.222NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P748.A (12/14)
3
pulseelectronics.com
Shielded Drum Core Inductor
PA4303.XXXNLT & PA4304.XXXNLT Series
Pulse Jack
E l e c t r o n i c s
1. Inductance tolerance is +/-30% for inductance values between 1uH and 8.2uH and +/-20% for values between
10uH and 1000uH.
2. Inductance is measured at 100kHz, 250mV for values between 1uH and 8.2uH and at 1kHz, 250mV for values
between 10uH and 1000uH.
3. The rated current as listed is the rms or heating current that the part can withstand with acceptable temperature
rise in typical applications. At the listed current the inductance typically drops to 85-90% of the no load value
when measured at 25C.
4. The temperature of the component (ambient plus temperature rise) must be within the stated operating
temperature.
NOTES:
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4304.824NLT
820
0.38
1850
12.5 x 12.5 x 6.0
PA4304.105NLT
1000
0.36
2270
12.5 x 12.5 x 6.0
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzhen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2014. Pulse Electronics, Inc. All rights reserved.
1
2
Mechanical
Schematic
PA43XX.XXXNLT
A
B
C
A
E D
OUTLINE
SILK SCREEN
I
F
K
H
G
FINAL OUTLINE
SUGGESTED PAD LAYOUT
E
F
ØD
P
P
P
W
T
K0
0
2
1
0
A
N
B
G
SURFACE MOUNTING TYPE, REEL/TAPE LIST
TYPE
REEL SIZE (mm)
TAPE SIZE (mm)
QTY
A
B
G
N
E
F
D0
P
P0
P2
W
T
K0
PCS/REEL
PA4303.XXXNLT
Ø330
29
24.5
100
1.75
11.5
1.5
16
4
2
24
0.35
5.1
750
PA4304.XXXNLT
Ø330
29
24.5
100
1.75
11.5
1.5
16
4
2
24
0.35
6.1
600
Part Number
A (max)
B (max)
C
D
E
F
G
H
I
K
PA4303.XXXNLT
12.5
5.0
(5.0)
(12.0)
(7.6)
(2.8)
(5.4)
(0.5)
(7.0)
(12.8)
PA4304.XXXNLT
12.5
6.0
(5.0)
(12.0)
(7.6)
(2.8)
(5.4)
(0.5)
(7.0)
(12.8)
TAPE & REEL INFO
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C


Similar Part No. - PA4303.222NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4303 PULSE-PA4303 Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA4303.222NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
PA4322 PULSE-PA4322 Datasheet
294Kb / 3P
   Shielded Drum Core Inductor
PA4330.471NLT PULSE-PA4330.471NLT Datasheet
524Kb / 2P
   Shielded Drum Core Inductor
PA4302.102NLT PULSE-PA4302.102NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com