Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2050.313NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA2050.313NL
Description  Wire Wound
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2050.313NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA2050.313NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2050.313NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2050.313NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
pulseelectronics.com
SMT POWER INDUCTORS
Wire Wound
P661.D (03/14)
For More Information
Pulse North America
Headquarters
Two Pearl Buck Court
Bristol, PA 19007
U.S.A.
Tel: 215 781 6400
Fax: 215 781 6403
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2014. Pulse Electronics, Inc. All rights reserved.
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 25°C
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 100°C
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
Temp Rise vs Power Dissipation
Inductance vs Current Characteristics
(continued)


Similar Part No. - PA2050.313NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2050.313NL PULSE-PA2050.313NL Datasheet
453Kb / 3P
   SMT POWER INDUCTORS Wire Wound
PA2050.313NL PULSE-PA2050.313NL Datasheet
453Kb / 3P
   SMT POWER INDUCTORS Wire Wound
More results

Similar Description - PA2050.313NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
1008 PULSE-1008 Datasheet
1Mb / 5P
   Wire Wound
0805 PULSE-0805 Datasheet
1Mb / 6P
   Wire Wound
PA2729.502NL PULSE-PA2729.502NL Datasheet
503Kb / 2P
   Wire Wound
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
   Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
   Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
   Wire Wound Inductor
logo
List of Unclassifed Man...
WI20C182J1U ETC2-WI20C182J1U Datasheet
929Kb / 6P
   WIRE WOUND INDUCTORS
logo
Superworld Electronics
SCI1008LP SUPERWORLD-SCI1008LP_15 Datasheet
225Kb / 4P
   Wire Wound Inductor
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com