Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1292.650NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA1292.650NL
Description  Planar
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1292.650NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA1292.650NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1292.650NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1292.650NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
67
SPM2007 (11/07)
.005/0,13
3 SURFACES
.780 MAX
19,81
.290
7,37
MAX
4 X .125
3,18
(.588)
(14,94)
.770
19,56
MAX
.390
9,90
Part Number
Date Code
Country of Origin
Patent Pending
.500
12,70
(2X) Ø .110
2,79
PA1494
1.60 to 6.20 µH
9 to 37 Adc
.250
6,35
1
5
.390
9,91
.375
9,53
(2X) Ø .110
2,79
PA1393
1.00 to 3.40 µH
12 to 42 Adc
.250
6,35
1
4
.390
9,91
.250
6,35
(2X) Ø .110
2,79
PA1292 & PA1294
.405 to 1.50 µH
21 to 73 Adc
2
4
.390
9,91
Mechanical
Suggested Pad Layouts and Schematics
Weight . . . 10.8 grams MAX
Tape & Reel . . . . . . 250/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
SMT POWER INDUCTORS
Planar - PA1X9XNL Series
TAPE & REEL LAYOUT
.800
20,32
.350
8,89
USER DIRECTION OF FEED
1.732 ± .012
44,00 ± 0,30
.945
24,00
.770
19,56


Similar Part No. - PA1292.650NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1292.650NL PULSE-PA1292.650NL Datasheet
202Kb / 3P
   SMT POWER INDUCTORS Planar - PA1X9XNL Series
PA1292.650NL PULSE-PA1292.650NL Datasheet
770Kb / 4P
   SMT Power Inductors
More results

Similar Description - PA1292.650NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1977NLT PULSE-P1977NLT Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
P1977T PULSE-P1977T Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
   Planar Transformer
logo
Microsemi Corporation
MDU1020 MICROSEMI-MDU1020 Datasheet
877Kb / 2P
   PLANAR TRANSCEIVERS
logo
Coilcraft lnc.
B0357-BL COILCRAFT-B0357-BL Datasheet
106Kb / 2P
   Planar Magnetics
logo
Silonex Inc.
SLD-70C2 SILONEX-SLD-70C2_15 Datasheet
50Kb / 1P
   Planar photodiode
logo
SeCoS Halbleitertechnol...
BCP5551 SECOS-BCP5551_15 Datasheet
348Kb / 2P
   Planar Transistor
logo
Silonex Inc.
SLD-70C1 SILONEX-SLD-70C1 Datasheet
31Kb / 1P
   Planar Photodiode
logo
Coilcraft lnc.
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
   Planar Transformer
logo
New Jersey Semi-Conduct...
BC440 NJSEMI-BC440 Datasheet
87Kb / 1P
   SILICON PLANAR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com