Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE30A Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # 1.5KE30A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5KE30A Datasheet(HTML) 3 Page - Diotec Semiconductor

  1.5KE30A Datasheet HTML 1Page - Diotec Semiconductor 1.5KE30A Datasheet HTML 2Page - Diotec Semiconductor 1.5KE30A Datasheet HTML 3Page - Diotec Semiconductor 1.5KE30A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
168
01.01.99
Diotec
1.5KE6.8 ... 1.5KE440A
1.5KE6.8C ... 1.5KE440CA
Maximum ratings
Grenzwerte
Type
Typ
Breakdown voltage at I = 1 mA
T
Arbeitsspannung bei I = 1 mA
T
*) tested at / gemessen bei 10 mA
Max. stand-off voltage
Max. clamping voltage at
at leakage current
10/1000µs-pulse current
Max. Sperrspannung
Max. Begrenzerspannung
bei Sperrstrom
bei 10/1000µs-Stromimp.
V
[V]
V
[V]
I [µA]
V [V]
I
[A]
BR
WM
D
C
PPM
1.5KE56
56 ± 10%
50.4...61.6
45.4
5
80.5
19
1.5KE56A
56 ± 5%
53.2...58.8
43.6
5
77.0
20
1.5KE62
62 ± 10%
55.8...68.8
50.2
5
89.0
17
1.5KE62A
62 ± 5%
58.9...65.1
53.0
5
85.0
18
1.5KE68
68 ± 10%
61.2...74.8
55.1
5
98.0
16.0
1.5KE68A
68 ± 5%
64.6...71.4
58.1
5
92.0
17.0
1.5KE75
75 ± 10%
67.5...82.5
60.7
5
108
14.0
1.5KE75A
75 ± 5%
71.3...78.8
64.1
5
103
15.0
1.5KE82
82 ± 10%
73.8...90.2
66.4
5
118
13.0
1.5KE82A
82 ± 5%
77.9...86.1
70.1
5
113
13.9
1.5KE91
91 ± 10%
81.9...100
73.7
5
131
12.0
1.5KE91A
91 ± 5%
86.5...95.5
77.8
5
125
12.6
1.5KE100
100 ± 10%
90.0...110
81.0
5
144
10.9
1.5KE100A
100 ± 5%
95.0...105
85.5
5
137
11.4
1.5KE110
110 ± 10%
99.0...121
89.2
5
158
9.9
1.5KE110A
110 ± 5%
105...116
94.0
5
152
10.3
1.5KE120
120 ± 10%
108...132
97.2
5
173
9.1
1.5KE120A
120 ± 5%
114...126
102
5
165
9.5
1.5KE130
130 ± 10%
117...143
105
5
187
8.4
1.5KE130A
130 ± 5%
124...137
111
5
179
8.7
1.5KE150
150 ± 10%
135...165
121
5
215
7.3
1.5KE150A
150 ± 5%
143...158
128
5
207
7.6
1.5KE160
160 ± 10%
144...176
130
5
230
6.8
1.5KE160A
160 ± 5%
152...168
136
5
219
7.1
1.5KE170
170 ± 10%
153...187
138
5
244
6.4
1.5KE170A
170 ± 5%
162...179
145
5
234
6.7
1.5KE180
180 ± 10%
162...198
146
5
258
6.1
1.5KE180A
180 ± 5%
171...189
154
5
246
6.4
1.5KE200
200 ± 10%
180...220
162
5
287
5.4
1.5KE200A
200 ± 5%
190...210
171
5
274
5.7
1.5KE220
220 ± 10%
198...242
175
5
344
4.5
1.5KE220A
220 ± 5%
209...231
185
5
328
4.8
1.5KE250
250 ± 10%
225...275
202
5
360
4.3
1.5KE250A
250 ± 5%
237...267
214
5
344
4.5
1.5KE300
300 ± 10%
270...330
243
5
430
3.6
1.5KE300A
300 ± 5%
285...315
256
5
414
3.8
1.5KE350
350 ± 10%
315...385
284
5
504
3.1
1.5KE350A
350 ± 5%
332...368
300
5
482
3.2
1.5KE400
400 ± 10%
360...440
324
5
574
2.7
1.5KE400A
400 ± 5%
380...420
342
5
548
2.8
1.5KE440
440 ± 10%
396...484
356
5
631
2.4
1.5KE440A
440 ± 5%
418...462
376
5
602
2.6
For bidirectional types (suffix “C”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C”) gelten die elektrischen Werte in beiden Richtungen.


Similar Part No. - 1.5KE30A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE30A TRSYS-1.5KE30A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE30A RUILON-1.5KE30A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
UNIOHM CORPORATION
1.5KE30A UNIOHM-1.5KE30A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5KE30A TSC-1.5KE30A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Microsemi Corporation
1.5KE30A MICROSEMI-1.5KE30A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE30A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com