Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15S132-K04L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 15S132-K04L5
Description  Micro RF SLIDE-ON ADAPTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

15S132-K04L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  15S132-K04L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 15S132-K04L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 15S132-K04L5 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
Micro RF
SLIDE-ON ADAPTER
15S132-K04 L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
SMA IEC 169-15
15K101-40M, RF test switch
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper AuroDur®, gold plated
Outer contact
Brass
AuroDur®, gold plated
Outer contact
Brass
AuroDur®, gold plated
Inner spring
Stainless steel
Insulator
PTFE
Coupling nut
Brass
AuroDur®, gold plated
Outer spring
Stainless steel


Similar Part No. - 15S132-K04L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
15S132-K02L5 ROSENBERGER-15S132-K02L5 Datasheet
154Kb / 2P
   Micro RF SNAP-ON ADAPTER
15S132-K05L5 ROSENBERGER-15S132-K05L5 Datasheet
152Kb / 2P
   Micro RF SNAP-ON ADAPTER
More results

Similar Description - 15S132-K04L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
15S132-K05L5 ROSENBERGER-15S132-K05L5 Datasheet
152Kb / 2P
   Micro RF SNAP-ON ADAPTER
15S132-K02L5 ROSENBERGER-15S132-K02L5 Datasheet
154Kb / 2P
   Micro RF SNAP-ON ADAPTER
logo
Pasternack Enterprises,...
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
   Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91371 PASTERNACK-PE91371 Datasheet
354Kb / 4P
   Slide-On MMBX Plug to MMBX Plug Slide-On Adapter, 9.7mm Long bullet
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
   Slide-On BMA Plug to SMA Male Adapter
PE91398 PASTERNACK-PE91398 Datasheet
361Kb / 4P
   Slide-On BMA Plug to SMA Female Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
   Slide-On BMA Jack to SMA Female Adapter
PE91397 PASTERNACK-PE91397 Datasheet
360Kb / 4P
   Slide-On BMA Jack to SMA Male Adapter
logo
Molex Electronics Ltd.
0732512130 MOLEX11-0732512130 Datasheet
29Kb / 1P
   50 Ohms, SMA Jack to SMA Plug slide on Adapter
logo
Pasternack Enterprises,...
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
   Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com