Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP95CW65F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP95CW65F
Description  Quality And Reliability Assurance / Handling Precautions
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP95CW65F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP95CW65F Datasheet HTML 4Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 5Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 6Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 7Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 8Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 9Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 10Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 11Page - Toshiba Semiconductor TMP95CW65F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-8
2002-02-20
2.1.1
Precaution for Dry Pack
Figure 2.2 shows the tray type of the dry
pack form. Precaution for handling dry pack
products are as follows.
x Do not toss or drop to avoid damaging the
devices and/or the moisture proof bag.
y Desiccant in the form of granulated silica
gel includes blue indicator beads which
become transparent when moisture is
present, such as if the bag is torn or opened.
In this case, the devices must be high
temperature baked to remove the moisture
prior to solder mounting.
z Store the pack at 30°C / 90%RH. After
opening the pack mount it the device within
12 months of the date on the seal. If the
30% humidity indicator is entirely pink
when the device unpacked, or when the 12-
month duration has expired treat the
device before use at high temperature (bake
it at more than 125
°C for 20h) to remove
moisture.
{ How quickly a product should be used after
the pack is opened depends of the product.
See Tables 2-2 and 2-3 for details.
If the
time limit for use has expired when devices
are unpacked, they should be baked.
| Devices in heat-proof trays should be baked
at 125
°C for at least 20h.
Heat-proof trays bear the mold marking
“HEAT PROOF” .
Be careful not to bend the leads when
baking devices.
} Binding trays using a plastic tapes
If trays are rebound with plastic tapes after
having been untied, two tapes should be
used as shown in Figure 2.2 (a). If a tape is
tied lengthwise along the trays the tray
edges may break.
Figure 2.2
SMDs Dry pack Form
(a) Method
Heat-proof tray (occasionally non-heat-proof)
Moisture proof bag
(Aluminum laminate)
Heat proof tray
Corrugated
cardboard box
Heat seal
Turn under
Label
Plastic band
Indicator
Silica gel
IC
(b) Shipping carton
Sealing tape
Corrugated
cardboard box


Similar Part No. - TMP95CW65F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP95CW65 TOSHIBA-TMP95CW65 Datasheet
1Mb / 22P
   CMOS 16-Bit Microcontroller
More results

Similar Description - TMP95CW65F

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL-150UYG COSMO-KL-150UYG Datasheet
178Kb / 9P
   SMD HANDLING AND APPLICATION PRECAUTIONS
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
   PRECAUTIONS FOR HANDLING & STORAGE
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-JB11-NMP01 AVAGO-ASMT-JB11-NMP01 Datasheet
72Kb / 2P
   Silicone Encapsulation for LED Advantages and Handling Precautions
logo
Keysight Technologies
W8632EP KEYSIGHT-W8632EP Datasheet
3Mb / 8P
   Model Quality Assurance
logo
List of Unclassifed Man...
HA10 ETC2-HA10 Datasheet
426Kb / 2P
   Uncompromising enterprise-class reliability and quality
logo
Rohm
SML-L13DTAFS ROHM-SML-L13DTAFS Datasheet
320Kb / 10P
   Specifications (Precautions and Prohibitions)
logo
Japan Aviation Electron...
CT150-4C-ILZ JAE-CT150-4C-ILZ Datasheet
351Kb / 9P
   Important safeguards and precautions
logo
Seoul Semiconductor
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
   High reliability and High quality of light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com