Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC312-4AP Datasheet(PDF) 1 Page - Energizer

Part # AC312-4AP
Description  Industry Standard Dimensions
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

AC312-4AP Datasheet(HTML) 1 Page - Energizer

  AC312-4AP Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZnAir
Chemical System:
Zinc Air (Zn/O2)
Tab Color:
Brown
Designation:
ANSI-7002ZD, IEC-PR41
Nominal Voltage:
1.4 Volts
Typical Capacity:
160 mAh (to 0.9 volts)
(Rated at 1.5k ohms at 21°C/50% RH)
Typical Weight:
0.5 grams (0.02 oz.)
Typical Volume:
0.2 cubic centimeters (0.01 cubic inch)
©Energizer Holdings, Inc. - Contents herein do not constitute a warranty.
Important Notice
This data sheet contains typical information specific to products manufactured at the time of its publication.
Typical Discharge Characteristics
Typical Discharge Characteristics
(5/1.2 mA .1S/1H59M 59.9S 12H at 21C)
(10/2 mA .1S/1H59M 59.9S 12H at 21C)
ENERGIZER 312 size - Mercury Free
(1.5K ohm 12 hours per day at 21C)
Specifications
Industry Standard Dimensions
IEC Industry Standards / High Drain Test Protocol
mm (inches)
(top view) (bottom view)
IEC Industry Standards / Standard Test Protocol
Typical Discharge Characteristics
ANSI/IEC Industry Standards / Intermittent Test Protocol
5.00 (0.197)
Typical
7.90 (0.311)
7.55 (0.297)
1.35R (0.053)
Typical
0.25 (0.010)
Minimum
3.25 (0.128)
3.60 (0.142)
PRODUCT DATASHEET
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
40
80
120
160
200
Service, Hours
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
30
60
90
120
150
Service, Hours
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
20
40
60
80
Service, Hours
For technical assistance, please e-mail:
Application.Support@Energizer.com
Form No. EBC - 4504I
Page 1 of 1


Similar Part No. - AC312-4AP

ManufacturerPart #DatasheetDescription
logo
Energizer
AC312-8AP ENERGIZER-AC312-8AP Datasheet
172Kb / 1P
   Industry Standard Dimensions
More results

Similar Description - AC312-4AP

ManufacturerPart #DatasheetDescription
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
E95 ENERGIZER-E95 Datasheet
176Kb / 1P
   Industry Standard Dimensions
AC13-4AP ENERGIZER-AC13-4AP Datasheet
170Kb / 1P
   Industry Standard Dimensions
357-303TZ ENERGIZER-357-303TZ Datasheet
73Kb / 1P
   Industry Standard Dimensions
397-396TZ ENERGIZER-397-396TZ Datasheet
534Kb / 1P
   Industry Standard Dimensions
A23BPZ-2 ENERGIZER-A23BPZ-2 Datasheet
87Kb / 1P
   Industry Standard Dimensions
357-303VZ ENERGIZER-357-303VZ Datasheet
73Kb / 1P
   Industry Standard Dimensions
390-389TZ ENERGIZER-390-389TZ Datasheet
532Kb / 1P
   Industry Standard Dimensions
393-309TZ ENERGIZER-393-309TZ Datasheet
332Kb / 1P
   Industry Standard Dimensions
AZ312DP-8 ENERGIZER-AZ312DP-8 Datasheet
172Kb / 1P
   Industry Standard Dimensions
AC10-4AP ENERGIZER-AC10-4AP Datasheet
170Kb / 1P
   Industry Standard Dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com