Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE22A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # 1.5KE22A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5KE22A Datasheet(HTML) 1 Page - Diotec Semiconductor

  1.5KE22A Datasheet HTML 1Page - Diotec Semiconductor 1.5KE22A Datasheet HTML 2Page - Diotec Semiconductor 1.5KE22A Datasheet HTML 3Page - Diotec Semiconductor 1.5KE22A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ø 5.4
±0.1
Ø 1.2
±0.05
) Non-repetitive current pulse see curve I
= f (t )
1
PPM
r
Höchstzulässiger Spitzenwert eines einmaligen Strom-Impulses, siehe Kurve I
= f (t )
PPM
r
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
2
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
) Unidirectional diodes only – nur für unidirektionale Dioden
3
166
01.01.99
Diotec
1.5KE6.8 ... 1.5KE440A
1.5KE6.8C ... 1.5KE440CA
Unidirectional and bidirectional
Unidirektionale und bidirektionale
Transient Voltage Suppressor Diodes
Spannungs-Begrenzer-Dioden
Peak pulse power dissipation
1500 W
Impuls-Verlustleistung
Nominal breakdown voltage
6.8...440 V
Nenn-Arbeitsspannung
Plastic case – Kunststoffgehäuse
Ø 5.6 x 7.5 [mm]
Weight approx. – Gewicht ca.
1.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
see page 17
Dimensions / Maße in mm
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 17
For bidirectional types use suffix “C” or “CA”
Suffix “C” oder “CA” für bidirektionale Typen
Maximum ratings
Grenzwerte
Peak pulse power dissipation (10/1000 µs waveform)
T = 25 °C
P
1500 W )
A
PPM
1
Impuls-Verlustleistung (Strom-Impuls 10/1000 µs)
Steady state power dissipation
T = 25 °C
P
5 W )
A
M(AV)
2
Verlustleistung im Dauerbetrieb
Peak forward surge current, 60 Hz half sine-wave
T = 25°C
I
200 A )
A
FSM
3
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Operating junction temperature – Sperrschichttemperatur
T
– 50…+175°C
j
Storage temperature – Lagerungstemperatur
T
– 50…+175°C
S
Characteristics
Kennwerte
Max. instantaneous forward voltage
I = 50 A
V
200 V
V
< 3.5 V )
F
BR
F
3
Augenblickswert der Durchlaßspannung
V
> 200 V
V
< 5.0 V )
BR
F
3
Thermal resistance junction to ambient air
R
< 25 K/W )
thA
2
Wärmewiderstand Sperrschicht – umgebende Luft


Similar Part No. - 1.5KE22A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE22A TRSYS-1.5KE22A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE22A RUILON-1.5KE22A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
UNIOHM CORPORATION
1.5KE22A UNIOHM-1.5KE22A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5KE22A TSC-1.5KE22A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diotech Company.
1.5KE22A DIOTECH-1.5KE22A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE22A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com