Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP95C061BF Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TMP95C061BF
Description  Quality And Reliability Assurance / Handling Precautions
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP95C061BF Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP95C061BF Datasheet HTML 2Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 3Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 4Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 5Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 6Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 7Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 8Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 9Page - Toshiba Semiconductor TMP95C061BF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-6
2002-02-20
Table 2.1
Recommended soldering methods and precautions when mounting
Soldering method
Mounting method
Mounting precaution
Localized heating
method
Soldering iron method
The recommended soldering conditions are as follows:
(1) Standard:
EIAJ ED-4701A-133
Environment test, soldering heat-
resistance test (SMD)
(2) Soldering method: Soldering (lead only)
(3) Soldering condition: (a) at 350
°C for up to 3 seconds.
(b) at 260
°C for up to 10
seconds.
Wave soldering method
(Solder flow)
(1)
Apply preheating for 60 to 120 seconds at a
temperature of 150°C.
(2)
For
lead
insertion-type
packages,
complete
solder
flow
within
10
seconds
with
the
temperature at the stopper (or, if there is no
stopper, at a location more than 1.5 mm from the
body) which does not exceed 260°C.
(3)
For
surface-mount
packages,
complete
soldering within 5 seconds at a temperature of
250°C or less in order to prevent thermal stress
in the device.
For details, contact your local Toshiba dealer.
Short infrared reflow
method
Because thermal stress is severe, as with solder dipping,
the infrared reflow method is not recommended for some
products. For details, contact your local Toshiba dealer.
Overall heating method
Far or middle infrared
Hot air reflow
The recommended conditions for SMD reflow are as
follows:
(1) Standard:
EIAJ ED-4701 A-133
Environment test
(2) Soldering method: (a) Hot air reflow
(with optional far or middle
infrared reflow process)
(b) Far or middle infrared reflow
(3) Pre-heating: 140 to 160
°C, for 60 to 120 seconds.
(4) Reflow: (a) 240
°C max
(b) At more than 210
°C, for 30 to 50 seconds.
(5) Number of reflows: Maximum of two times within the
allowable period of use
The specified soldering temperatures are based on
the temperature of the package surface.
For a sample recommended temperature profile,
refer to Figure 2.1.


Similar Part No. - TMP95C061BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP95C061B TOSHIBA-TMP95C061B Datasheet
9Mb / 208P
   CMOS 16-Bit Microcontroller
TMP95C061BDFG TOSHIBA-TMP95C061BDFG Datasheet
9Mb / 213P
   Document Change Notification
More results

Similar Description - TMP95C061BF

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL-150UYG COSMO-KL-150UYG Datasheet
178Kb / 9P
   SMD HANDLING AND APPLICATION PRECAUTIONS
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
   PRECAUTIONS FOR HANDLING & STORAGE
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-JB11-NMP01 AVAGO-ASMT-JB11-NMP01 Datasheet
72Kb / 2P
   Silicone Encapsulation for LED Advantages and Handling Precautions
logo
Keysight Technologies
W8632EP KEYSIGHT-W8632EP Datasheet
3Mb / 8P
   Model Quality Assurance
logo
List of Unclassifed Man...
HA10 ETC2-HA10 Datasheet
426Kb / 2P
   Uncompromising enterprise-class reliability and quality
logo
Rohm
SML-L13DTAFS ROHM-SML-L13DTAFS Datasheet
320Kb / 10P
   Specifications (Precautions and Prohibitions)
logo
Japan Aviation Electron...
CT150-4C-ILZ JAE-CT150-4C-ILZ Datasheet
351Kb / 9P
   Important safeguards and precautions
logo
Seoul Semiconductor
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
   High reliability and High quality of light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com