Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6628 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6628
Description  Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6628 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6628 Datasheet HTML 3Page - National Semiconductor (TI) LMH6628 Datasheet HTML 4Page - National Semiconductor (TI) LMH6628 Datasheet HTML 5Page - National Semiconductor (TI) LMH6628 Datasheet HTML 6Page - National Semiconductor (TI) LMH6628 Datasheet HTML 7Page - National Semiconductor (TI) LMH6628 Datasheet HTML 8Page - National Semiconductor (TI) LMH6628 Datasheet HTML 9Page - National Semiconductor (TI) LMH6628 Datasheet HTML 10Page - National Semiconductor (TI) LMH6628 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics (T
A = +25˚, AV = +2, VCC = ±5V, Rf =100
Ω,R
L = 100
Ω,
unless specified) (Continued)
Open Loop Gain & Phase (±5V)
Recommended R
S vs. CL
20038520
20038526
DC Errors vs. Temperature
Maximum V
O vs. RL
20038546
20038545
2-Tone, 3rd Order Intermodulation Intercept
Voltage & Current Noise vs. Frequency
20038544
20038547
www.national.com
7


Similar Part No. - LMH6628

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628J-QML NSC-LMH6628J-QML Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
LMH6628J-QMLV NSC-LMH6628J-QMLV Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
More results

Similar Description - LMH6628

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com