Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHG15N60E Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHG15N60E
Description  E Series Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHG15N60E Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHG15N60E Datasheet HTML 1Page - Vishay Siliconix SIHG15N60E Datasheet HTML 2Page - Vishay Siliconix SIHG15N60E Datasheet HTML 3Page - Vishay Siliconix SIHG15N60E Datasheet HTML 4Page - Vishay Siliconix SIHG15N60E Datasheet HTML 5Page - Vishay Siliconix SIHG15N60E Datasheet HTML 6Page - Vishay Siliconix SIHG15N60E Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SiHG15N60E
www.vishay.com
Vishay Siliconix
S16-0659-Rev. A, 18-Apr-16
2
Document Number: 91829
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDSS.
b. Coss(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDSS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-0.7
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
600
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-0.71
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2
-
4
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
VGS = ± 30 V
-
-
± 1
μA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
1
μA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
10
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 8 A
-
0.23
0.28
Forward Transconductance
gfs
VDS = 30 V, ID = 8 A
-
4.6
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
1350
-
pF
Output Capacitance
Coss
-70
-
Reverse Transfer Capacitance
Crss
-5
-
Effective Output Capacitance, Energy
Related a
Co(er)
VDS = 0 V to 480 V, VGS = 0 V
-53
-
Effective Output Capacitance, Time
Related b
Co(tr)
-
177
-
Total Gate Charge
Qg
VGS = 10 V
ID = 8 A, VDS = 480 V
-39
78
nC
Gate-Source Charge
Qgs
-11
-
Gate-Drain Charge
Qgd
-17
-
Turn-On Delay Time
td(on)
VDD = 480 V, ID = 8 A,
VGS = 10 V, Rg = 9.1 
-16
32
ns
Rise Time
tr
-26
52
Turn-Off Delay Time
td(off)
-41
82
Fall Time
tf
-22
44
Gate Input Resistance
Rg
f = 1 MHz, open drain
0.3
0.86
1.7
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
15
A
Pulsed Diode Forward Current
ISM
--
60
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 8 A, VGS = 0 V
-
1.0
1.2
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 8 A,
dI/dt = 100 A/μs, VR = 25 V
-
302
604
ns
Reverse Recovery Charge
Qrr
-4.0
8
μC
Reverse Recovery Current
IRRM
-24
-
A
S
D
G


Similar Part No. - SIHG15N60E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHG15N60E ISC-SIHG15N60E Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHG15N60E-GE3 VISHAY-SIHG15N60E-GE3 Datasheet
214Kb / 10P
   E Series Power MOSFET
01-Jan-2022
SIHG15N60E VISHAY-SIHG15N60E_V01 Datasheet
214Kb / 10P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHG15N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com