Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5237 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5237
Description  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5237 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5237 Datasheet HTML 1Page - Microsemi Corporation 2N5237 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4150, 2N4150S, 2N5237, 2N5237S, 2N5238, 2N5238S JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS (con’t)
Collector-Base Cutoff Current
VCE = 60 Vdc
2N4150, 2N4150S
VCE = 110 Vdc
2N5237, 2N5237S
VCE = 160 Vdc
2N5238, 2N5238S
ICEO
10
10
10
µAdc
Emitter-Base Cutoff Current
VBE = 7.0 Vdc
VBE = 5.0 Vdc
IEBO
10
0.1
µAdc
Collector-Base Cutoff Current
VCB = 100 Vdc
2N4150, 2N4150S
VCB = 150 Vdc
2N5237, 2N5237S
VCB = 200 Vdc
2N5238, 2N5238S
VCB = 80 Vdc
All Types
ICBO
10
10
10
0.1
µAdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 1.0 Adc, VCE = 5.0 Vdc
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
IC = 5.0 Adc, VCE = 5.0 Vdc
All Types
IC = 10 Adc, VCE = 5.0 Vdc
All Types
hFE
50
50
50
40
10
200
225
225
120
-
Collector-Emitter Saturation Voltage
IC = 5.0 Adc, IB = 0.5 Adc
IC = 10 Adc, IB = 1.0 Adc
VCE(sat)
0.6
2.5
Vdc
Base-Emitter Saturation Voltage
IC = 5.0 Adc, IB = 0.5 Adc
IC = 10 Adc, IB = 1.0 Adc
VBE(sat)
1.5
25
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 0.2 Adc, VCE = 10 Vdc, f = 10 MHz
h
fe
1.5
7.5
Forward Current Transfer Ratio
IC = 50 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
hfe
40
40
40
160
160
250
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
350
pF
SWITCHING CHARACTERISTICS
Delay Time
VCC = 20 Vdc, VBB = 5.0 Vdc,
td
50
µs
Rise Time
IC = 5.0 Adc, IB1 = 0.5 Adc
tr
500
µs
Storage Time
VCC = 20 Vdc, VBB = 5.0 Vdc,
ts
1.5
µs
Fall Time
IC = 5.0 Adc, IB1 = -IB2 = 0.5 Adc
tf
500
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 40 Vdc, IC = 0.22 Adc
Test 2
VCE = 70 Vdc, IC = 90 mAdc
Test 3
VCE = 120 Vdc, IC = 15 mAdc
2N5237, 2N5237S
VCE = 170 Vdc, IC = 3.5 mAdc
2N5238, 2N5238S
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - 2N5237

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5237 SEMICOA-2N5237 Datasheet
145Kb / 2P
   Type 2N5237 Geometry 3111 Polarity NPN
logo
List of Unclassifed Man...
2N5237 ETC1-2N5237 Datasheet
93Kb / 2P
   COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
Semicoa Semiconductor
2N5237 SEMICOA-2N5237 Datasheet
203Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N5237 MICROSEMI-2N5237 Datasheet
105Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5237 NJSEMI-2N5237 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
More results

Similar Description - 2N5237

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com