Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA918EDJ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIA918EDJ
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA918EDJ Datasheet(HTML) 3 Page - Vishay Siliconix

  SIA918EDJ Datasheet HTML 1Page - Vishay Siliconix SIA918EDJ Datasheet HTML 2Page - Vishay Siliconix SIA918EDJ Datasheet HTML 3Page - Vishay Siliconix SIA918EDJ Datasheet HTML 4Page - Vishay Siliconix SIA918EDJ Datasheet HTML 5Page - Vishay Siliconix SIA918EDJ Datasheet HTML 6Page - Vishay Siliconix SIA918EDJ Datasheet HTML 7Page - Vishay Siliconix SIA918EDJ Datasheet HTML 8Page - Vishay Siliconix SIA918EDJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SiA918EDJ
www.vishay.com
Vishay Siliconix
S16-1004-Rev. A, 30-May-16
3
Document Number: 79034
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
10
100
1000
10000
0
3.0
6.0
9.0
12.0
15.0
0
2
4
6
8
10
12
14
16
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
J = 25 °C
10
100
1000
10000
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 5 V thru 2 V
V
GS = 1 V
V
GS = 1.5 V
10
100
1000
10000
0
0.03
0.06
0.09
0.12
0369
12
15
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 1.8 V
V
GS = 4.5 V
V
GS = 2.5 V
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
10
-9
10
-10
10
100
1000
10000
0369
12
15
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
J = 150 °C
T
J = 25 °C
10
100
1000
10000
0
3
6
9
12
15
0
0.5
1
1.5
2
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
100
200
300
400
500
0
5
10
15
20
25
30
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss


Similar Part No. - SIA918EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA918EDJ VISHAY-SIA918EDJ_V01 Datasheet
384Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA918EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com