Electronic Components Datasheet Search |
|
M6165FMTSN Datasheet(PDF) 7 Page - MTRONPTI |
|
M6165FMTSN Datasheet(HTML) 7 Page - MTRONPTI |
7 / 7 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. 7 Date Revision PCN Number Details of Revision For custom products or additional specifications contact our sales team at 800.762.8800 (toll free) or 605.665.9321 For more information on this product visit the MtronPTI website at www.mtronpti.com Product Revision Table M616x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO Load Circuit Load Circuit #2 - HCMOS Output Load Circuit #7 - Clipped Sinewave Output Quality Parameters Environmental Specifications/Qualification Testing Performed on the M616x TCXO/TCVCXO Test Test Method Test Condition Electrical Characteristics Internal Specification Per Specification Frequency vs. Temperature Internal Specification Per Specification Mechanical Shock MIL-STD-202, Method 213, C 100 g, 6 ms Vibration MIL-STD-202, Method 201-204 10 g from 10-2000 Hz Thermal Cycle MIL-STD-883, Method 1010, B -55 Deg. C to +125 Deg. C, 15 minute Dwell, 10 cycles Aging Internal Specification 168 Hours at 105 Degrees C Gross Leak MIL-STD-202, Method 112 30 Second Immersion (Crystal Only) Fine Leak MIL-STD-202, Method 112 Must meet 1x10 -8 (Crystal Only) Solderability MIL-STD-883, Method 2003 8 Hour Steam Age – Must Exhibit 95% coverage Resistance to Solvents MIL-STD-883, Method 2015 Three 1 minute soaks Physical Dimensions MIL-STD-883, Method 2016 Per Specification Internal Visual Internal Specification Per Internal Specification Note: C Load includes probe and fixturing. C Load DUT Output Test Point 10 pF DUT Output Test Point 10K Ohms |
Similar Part No. - M6165FMTSN |
|
Similar Description - M6165FMTSN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |