Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

392-384VZ Datasheet(PDF) 1 Page - Energizer

Part # 392-384VZ
Description  Industry Standard Dimensions
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

392-384VZ Datasheet(HTML) 1 Page - Energizer

  392-384VZ Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chemical System:
Silver Oxide (Zn/Ag2O)
Designation:
ANSI-1135SO/1134SO, IEC-SR41
Nominal Voltage:
1.55 Volts
Typical Capacity:
44 mAh* (to 1.2 volts)
Capacity Test:
22K ohm continuous drain at 21°C
Typical Weight:
0.57 grams (0.023 oz.)
Typical Volume:
0.18 cubic centimeters (0.011 cubic inch)
Impedance (40 Hz):
15 to 40 ohms
Load
Cutoff
1.2V
(ohm)
(hours)
22K
645
* Varies according to the applied load, temperature, and cutoff voltage.
at 1.50V
(milliamperes)
Schedule
Typical Drains
©Energizer Holdings, Inc. - Contents herein do not constitute a warranty.
Important Notice
This datasheet contains typical information specific to products manufactured at the time of its publication.
Continuous
0.068
Typical Performance at 21°C (70°F)
mm (inches)
Typical Discharge Characteristics
Industry Standard Dimensions
ENERGIZER 392/384
Typical Performance at Low Discharge Rates
Temperature Characteristics
SILVER OXIDE
Specifications
Cross Section
PRODUCT DATASHEET
1-800-383-7323 / USA
1-800-383-7323 / CANADA
1-800-383-7323 USA/CAN
www.energizer.com
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
200
400
600
800
Service, Hours
Schedule: Continuous
Typical Drain @1.50V:
0.068 milliamperes
Load: 22K ohm
DESIGNED FOR USE ON CONTINUOUS LOW DRAIN
HIGH PULSE ON DEMAND
0
25
50
75
100
125
-20
0
20
40
Temperature (C)
Service Effects
60
70
80
90
100
02468
10
12
Storage Time (yrs)
Storage Effects
40 C
20 C
0C
Anode Cap
Gel Anode
Gasket
Can
Separator
Cathode
7.90 (0.311)
7.55 (0.297)
R1.50 (0.059) Ref.
Typical
0.03 (0.001) Minimum Ref.
(applies to top edge of gasket or edge of
crimp, whichever is higher)
0.25 (0.010) Maximum Ref.
Permissible deflection from a flat
3.00 (0.118)
Minimum
3.25 (0.128)
3.60 (0.142)
3.00 (0.118) Ref.
2.70 (0.106) Ref.
Form No. EBC - 4353-Z
Page 1 of 1


Similar Part No. - 392-384VZ

ManufacturerPart #DatasheetDescription
logo
Energizer
392-384TZ ENERGIZER-392-384TZ Datasheet
71Kb / 1P
   Industry Standard Dimensions
More results

Similar Description - 392-384VZ

ManufacturerPart #DatasheetDescription
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
E95 ENERGIZER-E95 Datasheet
176Kb / 1P
   Industry Standard Dimensions
AC13-4AP ENERGIZER-AC13-4AP Datasheet
170Kb / 1P
   Industry Standard Dimensions
357-303TZ ENERGIZER-357-303TZ Datasheet
73Kb / 1P
   Industry Standard Dimensions
397-396TZ ENERGIZER-397-396TZ Datasheet
534Kb / 1P
   Industry Standard Dimensions
A23BPZ-2 ENERGIZER-A23BPZ-2 Datasheet
87Kb / 1P
   Industry Standard Dimensions
357-303VZ ENERGIZER-357-303VZ Datasheet
73Kb / 1P
   Industry Standard Dimensions
390-389TZ ENERGIZER-390-389TZ Datasheet
532Kb / 1P
   Industry Standard Dimensions
393-309TZ ENERGIZER-393-309TZ Datasheet
332Kb / 1P
   Industry Standard Dimensions
AZ312DP-8 ENERGIZER-AZ312DP-8 Datasheet
172Kb / 1P
   Industry Standard Dimensions
AC10-4AP ENERGIZER-AC10-4AP Datasheet
170Kb / 1P
   Industry Standard Dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com