Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSA2M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CSA2M
Description  Surface Mount Glass Passivated Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSA2M Datasheet(HTML) 1 Page - Vishay Siliconix

  CSA2M Datasheet HTML 1Page - Vishay Siliconix CSA2M Datasheet HTML 2Page - Vishay Siliconix CSA2M Datasheet HTML 3Page - Vishay Siliconix CSA2M Datasheet HTML 4Page - Vishay Siliconix CSA2M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CSA2D, CSA2G, CSA2J, CSA2K, CSA2M
www.vishay.com
Vishay General Semiconductor
Revision: 15-Jan-16
1
Document Number: 87638
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Glass Passivated Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated pallet chip junction
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters,
converters,
and
freewheeling
diodes
for
consumer, and telecommunication.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Free air, mounted on recommended copper pad area
(2) Mounted on 14 mm x 14 mm copper pad areas
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
200 V, 400 V, 600 V, 800 V, 1000 V
IFSM
50 A
IR
5.0 μA
VF at IF = 2.0 A (TA = 125 °C)
0.90 V
TJ max.
150 °C
Package
DO-214AC (SMA)
Diode variations
Single die
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CSA2D
CSA2G
CSA2J
CSA2K
CSA2M
UNIT
Device marking code
D2
G2
J2
K2
M2
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Average forward rectified current
IF(AV) (1)
1.6
A
IF(AV) (2)
2.0
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - CSA2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSA2M VISHAY-CSA2M Datasheet
97Kb / 4P
   Surface-Mount Glass Passivated Rectifier
01-Jan-2022
More results

Similar Description - CSA2M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com